Electronic Components Datasheet Search
  English  ▼

X  

PD2401 Datasheet(PDF) 3 Page - IXYS Corporation

Part # PD2401
Description  Zero-Crossing Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PD2401 Datasheet(HTML) 3 Page - IXYS Corporation

  PD2401 Datasheet HTML 1Page - IXYS Corporation PD2401 Datasheet HTML 2Page - IXYS Corporation PD2401 Datasheet HTML 3Page - IXYS Corporation PD2401 Datasheet HTML 4Page - IXYS Corporation PD2401 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
PD2401
www.ixysic.com
3
R14
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
-40
1.2
1.0
0.8
0.6
0.4
0.2
055
85
0
Ambient Temperature (ºC)
Load Current, Free Air
R
JA=60ºC/W
20
15
10
5
0
16
50
100
25
Max. Surge Current (Non-Repetitive)
Pulse Duration (ms)
NOTE: Values apply to
T
J=50ºC before Surge
0
1.3
1.2
1.1
1.0
10
25
40
55
70
85
0.9
Ambient Temperature (ºC)
Typical Forward Voltage
vs. Temperature
0
800
600
400
200
1200
1000
25
50
85
1400
0
Ambient Temperature (ºC)
Typical dV/dt vs. Temperature
Vo
63%
10%
RC
dV/dt Method
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
Vo = 300V
dV
dt
0.63 x 300V
RC
RC
189
=
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com