Electronic Components Datasheet Search
  English  ▼

X  

PD2401 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PD2401
Description  Zero-Crossing Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PD2401 Datasheet(HTML) 1 Page - IXYS Corporation

  PD2401 Datasheet HTML 1Page - IXYS Corporation PD2401 Datasheet HTML 2Page - IXYS Corporation PD2401 Datasheet HTML 3Page - IXYS Corporation PD2401 Datasheet HTML 4Page - IXYS Corporation PD2401 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PD2401
AC Solid State Relays
www.ixysic.com
DS-PD2401-R14
1
INTEGRATED CIRCUITS DIVISION
Part #
Description
PD2401
4-Pin (16-Pin Body) DIP Package (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
240
V
rms
Load Current
1
A
rms
On-State Voltage Drop
(I
L=1Arms)
1.2
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 1A
rms
Blocking Voltages up to 500V
P
3750V
rms Input to Output Isolation
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
VDE compatible
Machine Insertable, Wave Solderable
The PD2401 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce an
alternative to optocoupler and Triac circuits. The
PD2401 switches are robust enough to provide a
blocking voltage of up to 500V
P and max surge
current rating of 20A. In addition, tightly controlled
zero-cross circuitry ensures switching of AC loads
without the generation of transients. The input and
output circuits are optically coupled to provide
3750V
rms of isolation and noise immunity between
control and load circuits. As a result the PD2401
is well suited for industrial environments where
electromagnetic interference would disrupt the
operation of electromechanical relays.
Approvals
UL Recognized Component: UL 508 File E69938
CSA Certified Component: File 043639
16
1
10
+ LED
AC Load
- LED
AC Load
8
ZC


Similar Part No. - PD2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
101Kb / 5P
AC Solid State Relays
logo
Littelfuse
PD2401 LITTELFUSE-PD2401 Datasheet
149Kb / 5P
AC Solid State Relays
11/18/2025
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
logo
Clare, Inc.
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
More results

Similar Description - PD2401

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
logo
IXYS Corporation
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
CPC1966 IXYS-CPC1966 Datasheet
112Kb / 6P
Zero-Crossing Detection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com