Electronic Components Datasheet Search
  English  ▼

X  

RF1172 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1172
Description  433.92 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1172 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1172 Datasheet HTML 1Page - RF Monolithics, Inc RF1172 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1172-102401
TO39-3 Case
•
Ideal Front-End Filter for European Wireless Receivers
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Rugged TO39 Hermetic Package
The RF1172 is a low-loss, compact and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 433.92 MHz receivers.
Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wire-
less remote-control and security devices operating in Europe under ETSI I-ETS 300 220.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s
advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss
with simple external impedance matching (not included). Quartz construction provides excellent frequency
stability over a wide temperature range.
433.92 MHz
SAW Filter
RF1172
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2. The frequency fc is defined as the midpoint between the 3dB frequencies.
3. Where noted, specifications apply over the entire specified operating temperature range.
4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f= fo [1- FTC (To - Tc)
2].
5. Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6. The design, manufacturing process, and specifications of this device are subject to change without notice.
7. One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
Absolute Frequency
fc
1, 2
433.92
MHz
Tolerance from 433.92 MHz
∆f
C
±80
kHz
Insertion Loss
IL
1
3.0
5.0
dB
3 dB Bandwidth
BW3
1, 2
500
600
800
kHz
Rejection
at fc - 21.4 MHz (Image)
1
40
50
dB
at fc - 10.7 MHz (LO)
15
30
Ultimate
80
Temperature
Operating Case Temp.
TC
3, 4
-40
+85
°C
Turnover Temperature
TO
15
25
35
°C
Turnover Frequency
fO
fc
MHz
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
External Impedance
Series Inductance
L
1
47
nH
Shunt Capacitance
C
11
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF1172


Similar Part No. - RF1172

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1172B RFM-RF1172B Datasheet
187Kb / 2P
433.92 MHz SAW Filter
RF1172C RFM-RF1172C Datasheet
100Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
More results

Similar Description - RF1172

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
SAW filter 433.92 MHz
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
433.92 MHz SAW Filter
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
SAW Filter 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com