Electronic Components Datasheet Search
  English  ▼

X  

RF1172 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF1172
Description  433.92 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1172 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF1172 Datasheet HTML 1Page - RF Monolithics, Inc RF1172 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433.92 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1172-102401
Absolute Maximum Ratings
Typical Filter Response
Typical filter responses are shown below. The actual response is depen-
dent on external impedance matching and circuit layout. Illustrated fre-
quencies and minimum rejection for LO and IMAGE are shown only for
superhet receivers with
10.7 MHz IF.
Electrical Connections
Typical Test Circuit
Case Design
Rating
Value
Units
Incident RF Power
+13
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature5
-40 to +85
°C
LO
0
-10
-20
-30
-40
-50
-60
-70
-80
5 MHz/div
Frequency
Image
Bottom View
Pin 1
Pin 2
Pin 3
Pin
Connection
1
Input or Output
2
Output or Input
3
Case Ground
L
C
C
L
2
3
1
From 50
SOURCE
Ω
To 50
Ω
LOAD
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J
1.40
0.055
0
dB
-1
-2
-3
-4
-5
-6
-7
-8
150 KHz/div
Frequency
Min 3dB
Passband
at 25 C
o
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com