Electronic Components Datasheet Search
  English  ▼

X  

DAC0832 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DAC0832 Datasheet HTML 11Page - National Semiconductor (TI) DAC0832 Datasheet HTML 12Page - National Semiconductor (TI) DAC0832 Datasheet HTML 13Page - National Semiconductor (TI) DAC0832 Datasheet HTML 14Page - National Semiconductor (TI) DAC0832 Datasheet HTML 15Page - National Semiconductor (TI) DAC0832 Datasheet HTML 16Page - National Semiconductor (TI) DAC0832 Datasheet HTML 17Page - National Semiconductor (TI) DAC0832 Datasheet HTML 18Page - National Semiconductor (TI) DAC0832 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DAC0830 Series Application Hints (Continued)
2.6 Full-Scale Adjustment
In the case where the matching of R
fb to the R value of the
R-2R ladder (typically ±0.2%) is insufficient for full-scale
accuracy in a particular application, the V
REF voltage can be
adjusted or an external resistor and potentiometer can be
added as shown in
Figure 10 to provide a full-scale adjust-
ment.
The temperature coefficients of the resistors used for this
adjustment are of an important concern. To prevent degra-
dation of the gain error temperature coefficient by the exter-
nal resistors, their temperature coefficients ideally would
have to match that of the internal DAC resistors, which is a
highly impractical constraint. For the values shown in
Figure
10, if the resistor and the potentiometer each had a tempera-
ture coefficient of ±100 ppm/˚C maximum, the overall gain
error temperature coefficent would be degraded a maximum
of 0.0025%/˚C for an adjustment pot setting of less than 3%
of R
fb.
2.7 Using the DAC0830 in a Voltage Switching
Configuration
The R-2R ladder can also be operated as a voltage switch-
ing network. In this mode the ladder is used in an inverted
manner from the standard current switching configuration.
The reference voltage is connected to one of the current
output terminals (I
OUT1 for true binary digital control, IOUT2 is
for complementary binary) and the output voltage is taken
from the normal V
REF pin. The converter output is now a
voltage in the range from 0V to 255/256 V
REF as a function
of the applied digital code as shown in
Figure 11.
00560840
Input Code
IDEAL V
OUT
MSB
LSB
+V
REF
−V
REF
1 1111111
1 1000000
1 0000000
0 1111111
0 0111111
0 0000000
*THESE RESISTORS ARE AVAILABLE FROM BECKMAN INSTRUMENTS, INC. AS THEIR PART NO. 694-3-R10K-D
FIGURE 9.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com