Electronic Components Datasheet Search
  English  ▼

X  

SD150 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SD150
Description  150W Single Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD150 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SD150 Datasheet HTML 1Page - Astrodyne Corporation SD150 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s d - 1 5 0 series
150W Single Output DC-DC Converter
WWW.AsTROdYNE.COM
AsTROdYNE UsA: 1-800-823-8082
AsTROdYNE PACIFIC: 886-2-26983458
SPECIFICATION
SD-150B-12
SD-150C-12
SD-150D-12
SD-150B-24
SD-150C-24
S
D-150D-24
MODEL
EFFICIENCY (Typ.)
INPUT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
12V
24V
12.5A
6.3A
150W
151.2W
120mVp-p
150mVp-p
1.0%
1.0%
0.5%
0.5%
0.3%
0.3%
75%
6.8A/24VDC
6.8A/24VDC
77%
3.4A/48VDC
3.4A/48VDC
79%
1.7A/96VDC
1.7A/96VDC
77%
80%
82%
D:22.5A/96VDC
SAFETY STANDARDS
SD-150 series
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Note.2
Note.3


Similar Part No. - SD150

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SD150-01NB SIRECTIFIER-SD150-01NB Datasheet
209Kb / 2P
Single Diode Modules
SD150-02NB SIRECTIFIER-SD150-02NB Datasheet
209Kb / 2P
Single Diode Modules
SD150-04NB SIRECTIFIER-SD150-04NB Datasheet
209Kb / 2P
Single Diode Modules
SD150-08NB SIRECTIFIER-SD150-08NB Datasheet
209Kb / 2P
Single Diode Modules
SD150-10NB SIRECTIFIER-SD150-10NB Datasheet
209Kb / 2P
Single Diode Modules
More results

Similar Description - SD150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-150 ASTRODYNE-SD-150 Datasheet
204Kb / 2P
150W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150 Datasheet
432Kb / 2P
150W Single Output DC-DC Converter
logo
Make-Ps
M-78H-NZ MAKE-PS-M-78H-NZ Datasheet
373Kb / 3P
Single Output DC/DC Converter
logo
Mean Well Enterprises C...
SD-150 MEANWELL-SD-150_10 Datasheet
438Kb / 2P
150W Single Output DC-DC Converter
MHB150 MEANWELL-MHB150 Datasheet
840Kb / 6P
150W DC-DC Half-Brick Regulated Single Output Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
150W Railway Single Output DC-DC Converter
SD-150 MEANWELL-SD-150_11 Datasheet
438Kb / 2P
150W Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
150W Railway Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com