Electronic Components Datasheet Search
  English  ▼

X  

SD150 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SD150
Description  150W Single Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD150 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SD150 Datasheet HTML 1Page - Astrodyne Corporation SD150 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s d - 1 5 0 series
150W Single Output DC-DC Converter
WWW.AsTROdYNE.COM
AsTROdYNE UsA: 1-800-823-8082
AsTROdYNE PACIFIC: 886-2-26983458
Mechanical�Specification
Derating�Curve
File�Name:SD-150-SPEC���2005-05-10
Case�No.�906�����Unit:mm
INPUT�VOLTAGE�(V)
80
85
90
95
100
105
110
115
120
125
130
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
Terminal�Pin.�No Assignment
SD-150B,C
SD-150D
Pin�No.
Pin�No.
Pin�No.
Pin�No.
1,2
1
1,2
4,5
3
2
6,7
Assignment
Assignment
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
INPUT
DC�INPUT V+
AC/DC�INPUT
DC�INPUT V-
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
SD-150B-12
SD-150B-24
SD-150C,D-12
SD-150C,D-24
199
100
172
5
192
7
6
5
4
3
2
1
Static�Characteristics�(24V)
5-M3
20
159
190.5
6
3.5
150W�Single�Output�DC-DC�Converter
S D - 1 5 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com