Electronic Components Datasheet Search
  English  ▼

X  

DSEC30-06 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSEC30-06
Description  HiPerFREDTM Epitaxial Diode with common cathode and soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEC30-06 Datasheet(HTML) 2 Page - IXYS Corporation

  DSEC30-06 Datasheet HTML 1Page - IXYS Corporation DSEC30-06 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
DSEC 30-06B
200
600
1000
0
400
800
40
60
80
100
120
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
10
20
30
40
50
60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
2
4
6
8
10
100
1000
0
50
100
150
200
250
300
012
34
0
10
20
30
40
50
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
T
VJ = 150°C
T
VJ = 100°C
T
VJ = 25°C
I
RM
Q
r
I
F = 30 A
I
F = 15 A
I
F = 7.5 A
T
VJ = 100°C
V
R = 300 V
T
VJ = 100°C
V
R = 300 V
I
F = 30 A
I
F = 15 A
I
F = 7.5 A
T
VJ = 100°C
V
R = 300 V
I
F = 30 A
I
F = 15 A
I
F = 7.5 A
T
VJ = 100°C
I
F = 15 A
DSEC 30-06B
t
fr
V
FR
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
Fig. 7 Transient thermal resistance junction to case
NOTE: Fig. 2 to Fig. 6 shows typical values
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.908
0.0052
2
0.35
0.0003
3
0.342
0.017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com