Electronic Components Datasheet Search
  English  ▼

X  

PEEP Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
d. Repeat of rapid charging and discharging
If PEHA series is used in a rapid charging and discharging circuit or receive the flow of excess rush current, its
life may shorten by large leakage current or short circuit. The charging and discharging current through PEHA
series should be less than 10A.
e. Soldering
Capacitors should be soldered under the soldering conditions defined in the delivery specifications. Some
improper soldering condition may cause the leakage current of capacitors to increase or other parameters to
change.
f. Use of capacitors for industrial equipment
When capacitors are used for industrial equipment, the circuits should be designed to have sufficient margins
in the ratings of capacitors including capacitance and impedance. Without sufficient margins in the
characteristics, the reliability of the capacitors may be reduced by their shorter life. Always contact us if you
want to use capacitors for equipment affecting human lives such as space, aviation, atomic power, and
medical devices. Never use capacitors for the used without our prior approval.
2. Notes on circuit designs for capacitors
a. Rating and Performance
Use capacitors within the rating and performance ranges defined in the brochures and delivery specification of
capacitors after checking the operating and installation environments.
b. Operating temperature
If PEHA series is used at a temperature higher than the upper specified temperature (105
⁰C), its life may be
remarkably shortened or the leakage current may increase to cause defective.
c. Ripple current
Never make current larger than the rated ripple current through PEHA series. If excess ripple current flows
through PEHA series, internal heat may be generated largely to make its life shortened or cause it to be
defected due to short circuit.
d. Leakage current
Depending on the soldering conditions, the leakage current of PEHA series may increase slightly. The
application of DC voltage enables the capacitors to be repaired by itself. This leads the leakage current to be
smaller gradually. The leakage current can be reduced fast if the DC voltage, which is less than the rating
voltage, is applied at the temperature close to the upper specified temperature.
e. Applied voltage
(1) To secure the reliability of capacitors, it is recommended that the voltage applied to them should be less
than 80% of the rated voltage.
(2) The peak value of the ripple voltage superimposed with the DC voltage should be less than rated voltage.
f. Failure mode
PEHA series contains a conductive polymer as material of cathode electrode. Therefore, like other solid
electrolyte capacitors, the life ends mostly due to random failure mode, mainly short circuit. If a current
continuously flow through the capacitor due to short circuit, the capacitor would be overheated higher than
300
⁰C and then aluminum case of the capacitor would be removed by increasing internal pressure due to the
vaporization of materials.
g. Insulation
(1) Plastic coated case of capacitors is not secured to insulate. Do not use capacitors in PEHAs requiring
insulation.
(2) Isolate the case of PEHA series from the positive and negative terminals and adjacent circuit patterns.
h. Design of printed circuit board
Take note on the following subjects when capacitors are installed on printed circuit boards:
(1) Verify that the lead spacing fit hole pitches on printed circuit board.
(2) Do not place heating components on boards to be close to capacitors or in the backside of them.
(3) If capacitors are mounted on a double-sided PC board, design the board so that extra or through holes
may not be opened below them.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com