Electronic Components Datasheet Search
  English  ▼

X  

PEEP Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # PEEP
Description  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
i. Parallel connection
If PEHA series is connected with another type of a capacitor in parallel, larger ripple current
may flow through one of capacitors. Take the current balance among them into account in
circuit designs.
j. Using temperature and frequency
The electric characteristics of capacitors depend on the variations of the ambient
temperature and frequency. Check the variations in designing circuits.
3. Notes on installation of capacitors
a. Notes on pre-installation of capacitors
(1) Do not reuse capacitors installed in a unit with the power supply turned on for another unit. No used
capacitors shall be reused excluding those removed to measure their electric characteristics in periodical
inspection.
(2) If PEHA series stored for a long period may often increase in its leakage current, connect a resistor of
approximately 1KΩ to the capacitors for voltage treatment.
b. Notes at installation of capacitors
(1) Install capacitors in a unit after confirming that their ratings (rated capacitance and rated voltages) meet
the conditions of the unit.
(2) Install capacitors in the correct polarities.
(3) Take care not to drop capacitors on floors. Do not use capacitors dropped on floors.
(4) Do not deform capacitors to install them in units.
(5) Install PEHA series on a printed circuit board after confirming that its lead pitch is equivalent to the
corresponding hole pitch.
(6) At the picking, mounting, and locating by an automatic inserter or the cutting of the leads of PEHA series
by an automatic mounter, some stress may be applied to the PEHA series. Take note on the shock.
(7) Do not apply any excess force with the terminals of capacitors.
c. Heating
In preheating or heating for adhesion and fixing of other electronic components, the
temperature put to capacitors should be less than 120
⁰C. The total heating period should be
shorter the 90 seconds.
d. Soldering by soldering iron
(1) Capacitors should be soldered under the conditions as follows:
The iron tip at the temperature of 400±10
⁰C or less may be put to each lead of PEHA series for <3±1 sec.
(2) Lead wire terminations of capacitors may be required to be processed because terminals is not equivalent
to that of corresponding holes on the printed circuit board. Process terminations so that no stress may be
applied to capacitors themselves before soldering.
(3) Do not make the tip pf a soldering iron be in contact with capacitors themselves.
(4) The leakage current of soldered capacitor may increase slightly depending on several conditions including
pre-heating, soldering temperature and period, and board material and thickness, soldering temperature
and period, and board material and thickness. However, the leakage current decreases gradually by the
self-repair characteristic of capacitors when they are used with voltage application.
e. Flow soldering
(1) Do not dip capacitor themselves into melted solder in soldering. Only provide soldering for the board
surface in the backside of the surface on which the capacitors are mounted
.
(2) Solder capacitors under the soldering conditions as follows.
(i)
Pre-heat condition: atmosphere temperature 120
⁰C or less for up to 90 sec.
(ii)
Soldering condition: solder temperature 260
⁰C or less for up to 10 sec.
(3) Note that flux may not adhere to any substances except lead wires.
(4) Do not make any other components fallen at capacitors in soldering.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com