Electronic Components Datasheet Search
  English  ▼

X  

SP480 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP480
Description  480W Single Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP480 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP480 Datasheet HTML 1Page - Astrodyne Corporation SP480 Datasheet HTML 2Page - Astrodyne Corporation SP480 Datasheet HTML 3Page - Astrodyne Corporation SP480 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
480W Single Output with PFC Function
SP480 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage/Over
temperature
Built-in active PFC function, PF >0.95
Forced air cooling by built-in DC Fan
High power density 5.18w/cubic inch
Low profile:43mm thickness
Built in remote ON-OFF control
Built-in remote sense function
Active AC surge current limiting
Model Number Output Volts
Output Amps
OVP
Min Load
DC Volt Adjust
OCP
Efficiency
SINGLE OUTPUT
SP480-3.3
3.3 Volts(DC)
85 Amps
3.8 ~ 4.45Volt(DC)
0~85Amps
2.9~3.6Volt(DC)
87~103Amps
73%
SP480-5
5 Volts(DC)
85 Amps
5.75 ~ 6.75Volt(DC)
0~85Amps
4.5~5.5Volt(DC)
87~103Amps
79%
SP480-12
12 Volts(DC)
40 Amps
13.8 ~ 16.2Volt(DC)
0~43Amps
10~13.2Volt(DC
45.15~58.05Amps 85%
SP480-15
15 Volts(DC)
32 Amps
18 ~ 21Volt(DC)
0~35Amps
13.5~18Volt(DC) 36.75~47.25Amps 85%
SP480-24
24 Volts(DC)
20 Amps
28.8 ~ 33.6Volt(DC)
0~22Amps
22~27.6Volt(DC) 23.1~29.7Amps
87%
SP480-48
48 Volts(DC)
10 Amps
57.6~ 67.2Volt(DC)
0~11Amps
41~56Volt(DC)
11.55~14.85Amps 89%


Similar Part No. - SP480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP48 ETC2-SP48 Datasheet
178Kb / 3P
Heat Shrink
logo
Multicomp Pro
SP48/1.2/BLACK MULTICOMP-SP48/1.2/BLACK Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
SP48/1.2/BLUE MULTICOMP-SP48/1.2/BLUE Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP48/1.2/BLUE PROPOWER-SP48/1.2/BLUE Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
SP48/1.2/BROWN PROPOWER-SP48/1.2/BROWN Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results

Similar Description - SP480

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-480 ASTRODYNE-SP-480 Datasheet
318Kb / 2P
480W Single Output with PFC Function
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
480W Single Output DIN RAIL with PFC Function
SP-480 MEANWELL-SP-480 Datasheet
343Kb / 2P
480W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-480 RSG-SP-480 Datasheet
122Kb / 2P
480W Single Output with PFC Function
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
480W Single Output DIN RAIL with PFC Function
SP-480 MEANWELL-SP-480_10 Datasheet
352Kb / 2P
480W Single Output with PFC Function
SP-480_1109 MEANWELL-SP-480_1109 Datasheet
351Kb / 2P
480W Single Output with PFC Function
DRP-480S MEANWELL-DRP-480S_11 Datasheet
159Kb / 2P
480W Single Output DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
480W Single Output DIN RAIL with PFC Function
SP-480 TOTAL-POWER-SP-480 Datasheet
449Kb / 2P
480W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com