Electronic Components Datasheet Search
  English  ▼

X  

SP480 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SP480
Description  480W Single Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP480 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SP480 Datasheet HTML 1Page - Astrodyne Corporation SP480 Datasheet HTML 2Page - Astrodyne Corporation SP480 Datasheet HTML 3Page - Astrodyne Corporation SP480 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
480W Single Output with PFC Function
SP480 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 5)
90 ~ 264VAC 120~370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
20Amps/115VAC; 40Amps 230VAC
Input Current
6.5Amps @ 115VAC
3.5 Amps @ 230VAC
Leakage current
< 2mAmps / 240VAC
Min Load
See Selection Chart
Power Factor @ FL
PF > 0.95 / 230VAC
> 0.98 / 115VAC
OUTPUT SPECIFICATIONS
Voltage and Current (Note3) See Selection Chart
Line Regulation
±0.5%: 3.3;5Volts(DC)
±0.3%: 12;15Volts(DC)
±0.2%: 24;48Volts(DC)
Load Regulation
±1.0%: 3;5Volts(DC)
±0.5%: 12~48Volts(DC)
Voltage Tolerance (Note 2)
±2.0%: 3.3;5Volts(DC)
±1.5%: 12;15Volts(DC)
±1.0%: 24;48Volts(DC)
Ripple/Noise (Note 1)
80mVpk-pk: 3.3;5Volts(DC)
120mVpk-pk: 12Volts(DC)
150mVpk-pk: 15;24Volts(DC)
240mVpk-pk: 48Volts(DC)
Hold Up Time @ FL
18mS /230VAC
18mS /115VAC
Setup, Rise Time @ FL
1000mS, 80mS /230VAC
2500mS, 80mS /115VAC
Over Voltage Protection
See Selection Chart
Shut down o/p volt,re power
Over Current Protection
See Selection Chart
Constant current limiting,auto recover
Over Temperature (Note 3)
80°C TSW1: detect on heatsink of power transistor
90°C TSW2: detect on heatsink of power diode
Shut down o/p voltage, auto recover
DC Volt Adjust
See Selection Chart
Peak Load: 10min (Note 4 )
10% max
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022B (CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Remote Control
RC+/RC-: 4~10Volts(DC) Power off
0 ~ 0.8Volts(DC) Power on
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
Short Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11
ENV50204,EN61000-6-2(EN50082-2)
light Industry Level, Criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +60°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
120.5KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
278x127 x 43mm (10.94”x5 ”x1.69”)
Weight
59.97 oz (1700g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. TSW1: Detect on heatsink of power transistor.
TSW2: Detect on heatsink of output diode.
4. 33% Duty cycle maximum within every 30 minute. Average output
power should not exceed the rated POWER.
5. Derating may be needed under low input voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com