Electronic Components Datasheet Search
  English  ▼

X  

TIL308 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL308
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL308 Datasheet(HTML) 1 Page - Texas Instruments

  TIL308 Datasheet HTML 1Page - Texas Instruments TIL308 Datasheet HTML 2Page - Texas Instruments TIL308 Datasheet HTML 3Page - Texas Instruments TIL308 Datasheet HTML 4Page - Texas Instruments TIL308 Datasheet HTML 5Page - Texas Instruments TIL308 Datasheet HTML 6Page - Texas Instruments TIL308 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIL308, TIL309
NUMERIC DISPLAYS WITH LOGIC
SLBS002–D1096, MARCH 1972–REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1992, Texas Instruments Incorporated
1
SOLID-STATE DISPLAYS WITH INTEGRAL TTL MSI CIRCUIT CHIP FOR USE
IN ALL SYSTEMS REQUIRING A DISPLAY OF BCD DATA
• 6,9-mm (0.270-Inch) Character Height
• TIL308 Has Left Decimal
• TIL309 Has Right Decimal
• Easy System Interface
• Wide Viewing Angle
• Internal TTL MSI Chip With Latch, Decoder,
and Driver
• Constant-Current Drive for Light-Emitting
Diodes
mechanical data
These assemblies consist of display chips and a TTL MSI chip mounted on a header with a red molded plastic
body. Multiple displays may be mounted on 11,43-mm (0.450-inch) centers.
of Pin 1
4,42 (0.174)
3,81 (0.150)
6,45 (0.254)
0,66 (0.026)
3,81 (0.150)
2,54 (0.100)
C
L
of Pin 1
C
L
0,66 (0.026)
Decimal Point
TIL308
Logic Chip
26,67 (1.050)
25,65 (1.010)
7,87 (0.310)
7,62 (0.300)
Seating Plane
(see Note A)
4,45 (0.175)
3,94 (0.155)
4 Places
1,52 (0.060)
1,02 (0.040)
0,56 (0.022)
0,46 (0.018)
DIA All Pins
2,54 (0.100) T.P.
14 Places
(see Note C)
10,67 (0.420)
9,65 (0.380)
TOP VIEW
3,56 (0.140)
2,79 (0.110)
Pin 1
QB
Pn 2
QC
Pin 3
QD
Pin 4
QA
Pin 5
LS
Pin 6
C
Pin 7
D
Pin 8
GND
Pin 9
NC
Pin 10
B
Pin 11
BI
Pin 12
DP
Pin 13
LT
Pin 14
QDP
Pin 15
A
Pin 16
VCC
PIN ASSIGNMENTS
1
D.P.
A
B
C
D
E
F
G
A
B
C
D
E
F
G
D.P.
TIL308
TIL309
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
10
°
4,32 (0.170) MIN
Decimal Point
TIL309
3,80 (0.150)
NOTES: A. Lead dimensions are not controlled above the seating plane.
B. Centerlines of character segments and decimal points are shown as dashed lines. Associated dimensions are nominal.
C. The true-position pin spacing is 2,54 mm (0.100 inch) between centerlines. Each centerline is located with 0,26 mm (0.010 inch) of
its true longitudinal position relative to pins 1 and 16.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL300 ETC-TIL300 Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
List of Unclassifed Man...
TIL300A ETC-TIL300A Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300A TI1-TIL300A Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
More results

Similar Description - TIL308

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL306 TI-TIL306 Datasheet
146Kb / 9P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
INCH THREE DIGIT Numeric displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
logo
Analog Devices
AD2021 AD-AD2021_15 Datasheet
1Mb / 2P
LOGIC POWERED DPM WITH LED DISPLAYS
REV. A
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com