Electronic Components Datasheet Search
  English  ▼

X  

TIL308 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL308
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL308 Datasheet(HTML) 3 Page - Texas Instruments

  TIL308 Datasheet HTML 1Page - Texas Instruments TIL308 Datasheet HTML 2Page - Texas Instruments TIL308 Datasheet HTML 3Page - Texas Instruments TIL308 Datasheet HTML 4Page - Texas Instruments TIL308 Datasheet HTML 5Page - Texas Instruments TIL308 Datasheet HTML 6Page - Texas Instruments TIL308 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIL308, TIL309
NUMERIC DISPLAYS WITH LOGIC
SLBS002–D1096, MARCH 1972–REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
description
These internally-driven seven-segment light-emitting-diode (LED) displays contain a five-bit latch and a
decoder/LED driver in a single 16-pin package. A description of the functions of the inputs and outputs of these
devices are in the terminal function table.
The TTL MSI circuits contain the equivalent of 78 gates on a single chip. Logic inputs and outputs are completely
TTL/DTL compatible. The buffered inputs are implemented with relatively large resistors in series with the bases
of the input transistors to lower drive-current requirements to one-half of that required for a standard Series
54/74 TTL input.
Some of the additional features of these displays are as follows:
LatchedBCDanddecimalpointlogicoutputsprovidedtodrivelogicprocessorssimultaneouslywiththe
displayed data
Minimum number of inputs required... 4-line BCD plus decimal point
Overriding blanking for suppressing entire display or pulse-modulation of LED brightness
LED test input to simultaneously turn on all display segments and decimal point
Can be operated in a real-time mode or latched-update-only mode by use of the latch strobe input
Displays numbers 0 through 9 as well as A, C, E, F, or minus sign
Can be blanked by entry of BCD 13 or by use of the blanking input
Decimal point controlled independently with decimal-point latch
Constant-current-source TTL-LED interface for optimum performance.
The latch outputs except QDP are active pullup, and each one, except QDP, is capable of driving three standard
Series 54/74 loads. The LED driver outputs are designed specifically to maintain a relatively constant on-level
current of approximately 7 mA through each LED segment and decimal point. All inputs are diode-clamped to
minimize transmission-line effects, thereby simplifying system design. Power dissipation is typically 575 mW
with all segments on.
Terminal Functions
PIN
DESCRIPTION
NAME
NO.
DESCRIPTION
BLANKING Input (BI)
11
When low, will blank (turn off) the entire display. Mus be high for normal operation of the display.
Latch Data Inputs
A, B, C, D, DP
15, 10, 6,
7, 12
Data on these inputs are entered into the latches under the control of the latch strobe input. The binary
weights of the inputs are: A = 1, B = 2, C = 4, D = 8. DP is decimal point latch data input.
Latch Outputs
QA, QB, QC, QD,
QDP
4, 1, 2, 3,
14
The BCD data that drives the decoder is stored in the five latches and is available at these outputs. The
binary weights of the outputs are: QA = 1, QB = 2, QC = 4, QD = 8. QDP is decimal point latch output.
LATCH STROBE
Input (LS)
5
When low, the data in latches follow the data on the latch inputs. When high, the data in the latches are held
constant and are unaffected by new data on the latch inputs.
LED TEST Input (LT)
13
When low, will turn on the entire display, overriding the data in the latches and the blanking input. Must be
high for normal operation of the display.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com