Electronic Components Datasheet Search
  English  ▼

X  

AT1380AS Datasheet(PDF) 5 Page - Aimtron Technology

Part # AT1380AS
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AS Datasheet(HTML) 5 Page - Aimtron Technology

  AT1380AS Datasheet HTML 1Page - Aimtron Technology AT1380AS Datasheet HTML 2Page - Aimtron Technology AT1380AS Datasheet HTML 3Page - Aimtron Technology AT1380AS Datasheet HTML 4Page - Aimtron Technology AT1380AS Datasheet HTML 5Page - Aimtron Technology AT1380AS Datasheet HTML 6Page - Aimtron Technology AT1380AS Datasheet HTML 7Page - Aimtron Technology AT1380AS Datasheet HTML 8Page - Aimtron Technology AT1380AS Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Pin voltage
V
BR
R
B= 390Ω
0.10 0.19 0.25
V
Input off condition
I
OFF
-20
--
0
μ
A
Input on condition
I
ON
--
--
-45
μ
A
Output current
Setting section/
Control section
Pin current range
I
BR
--
-1.8
--
-0.1 mA
Stand-by current
I
CCS
BR/CTL pin open or
V
CC
--
--
1
μ
A
Entire device
Average supply current
I
CC
R
B= 390,
V
CC =2.5~13.5V
--
6
10.0 mA
Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com