Electronic Components Datasheet Search
  English  ▼

X  

AT1380AS Datasheet(PDF) 9 Page - Aimtron Technology

Part # AT1380AS
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AS Datasheet(HTML) 9 Page - Aimtron Technology

Back Button AT1380AS Datasheet HTML 4Page - Aimtron Technology AT1380AS Datasheet HTML 5Page - Aimtron Technology AT1380AS Datasheet HTML 6Page - Aimtron Technology AT1380AS Datasheet HTML 7Page - Aimtron Technology AT1380AS Datasheet HTML 8Page - Aimtron Technology AT1380AS Datasheet HTML 9Page - Aimtron Technology AT1380AS Datasheet HTML 10Page - Aimtron Technology AT1380AS Datasheet HTML 11Page - Aimtron Technology AT1380AS Datasheet HTML 12Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
9
Setting Oscillating Frequency
The oscillator circuit generates a triangular sawtooth wave with a peak of 0.8V and a trough of 0.1V
using the timing capacitor (CT) and the timing resistor (RT) that are connected to the OSC pin. This
oscillator can provide oscillating frequency in the range from 20KHz to 1MHz. The waveform of the
OSC pin is shown as Figure 2.
Figure 2 Oscillator Waveform
The cycle (T) can be determined as follows:
Switching Regulator Function
(1) Reference voltage circuit
A temperature-compensated reference voltage (~1.25V) is generated by the reference voltage
circuit from the voltage supplied by the power supply pin (pin 3). The circuit also sets the idle
period besides providing the reference voltage for the switching regulator.
(2) Error amplifier
The error amplifier detects the output voltage of the switching regulator and sets the PWM
control signal. The voltage gain is fixed. The system is made stable by connecting a phase
compensation capacitor to the FB pin (pin 8).
(3) PWM comparator
The voltage comparator includes one inverting and three non-inverting inputs. The comparator is
RT
CT
t
VHe
VX
×
−
=
)
(
log
VH
VX
RT
CT
t
e
×
×
−
=
[ ]s
RT
CT
RT
CT
T
e
×
×
=
×
×
−
=
1
.
2
)
8
.
0
/
1
.
0
(
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com