Electronic Components Datasheet Search
  English  ▼

X  

BB207 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BB207
Description  FM variable capacitance double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB207 Datasheet(HTML) 1 Page - NXP Semiconductors

  BB207 Datasheet HTML 1Page - NXP Semiconductors BB207 Datasheet HTML 2Page - NXP Semiconductors BB207 Datasheet HTML 3Page - NXP Semiconductors BB207 Datasheet HTML 4Page - NXP Semiconductors BB207 Datasheet HTML 5Page - NXP Semiconductors BB207 Datasheet HTML 6Page - NXP Semiconductors BB207 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The BB207 is a variable capacitance double diode with a common cathode, fabricated in
silicon planar technology, and encapsulated in the SOT23 small plastic SMD package.
1.2 Features
s Excellent linearity
s Cd(1V): 81 pF; Cd(7.5V): 27.6 pF
s Cd(1V) to Cd(7.5V) ratio: min. 2.6
s Very low series resistance
s Small plastic SMD package.
1.3 Applications
s Electronic tuning in FM-radio.
2.
Pinning information
3.
Ordering information
BB207
FM variable capacitance double diode
Rev. 02 — 27 April 2004
Product data sheet
Table 1:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
anode 1
2
anode 2
3
common cathode
Top view
12
3
sym032
2
1
3
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BB207
-
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BB207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB207 NXP-BB207 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB207 NXP-BB207 Datasheet
100Kb / 8P
FM variable capacitance double diode
Rev. 3-7 September 2011
BB207 PHILIPS-BB207_15 Datasheet
100Kb / 8P
FM variable capacitance double diode
Rev. 3-7 September 2011
logo
Quanzhou Jinmei Electro...
BB207 JMNIC-BB207_15 Datasheet
51Kb / 7P
FM variable capacitance double diode
BB207_2015 JMNIC-BB207_2015 Datasheet
51Kb / 7P
FM variable capacitance double diode
More results

Similar Description - BB207

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV101 TOSHIBA-1SV101 Datasheet
150Kb / 3P
VARIABLE CAPACITANCE DIODE (FM TUNER APPLICATIONS)
logo
Hitachi Semiconductor
HVB27WK HITACHI-HVB27WK Datasheet
24Kb / 5P
Variable Capacitance Diode for FM tuner
HVM16 HITACHI-HVM16 Datasheet
25Kb / 5P
Variable Capacitance Diode for FM tuner
logo
Renesas Technology Corp
HVM16 RENESAS-HVM16 Datasheet
142Kb / 5P
Variable Capacitance Diode for FM tuner
HVB27WK RENESAS-HVB27WK Datasheet
241Kb / 5P
Variable Capacitance Diode for FM tuner
HVM27WK RENESAS-HVM27WK Datasheet
241Kb / 5P
Variable Capacitance Diode for FM tuner
logo
NXP Semiconductors
BB207 NXP-BB207 Datasheet
100Kb / 8P
FM variable capacitance double diode
Rev. 3-7 September 2011
logo
Quanzhou Jinmei Electro...
BB207_2015 JMNIC-BB207_2015 Datasheet
51Kb / 7P
FM variable capacitance double diode
logo
NXP Semiconductors
BB207 PHILIPS-BB207_15 Datasheet
100Kb / 8P
FM variable capacitance double diode
Rev. 3-7 September 2011
logo
Quanzhou Jinmei Electro...
BB207 JMNIC-BB207_15 Datasheet
51Kb / 7P
FM variable capacitance double diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com