Electronic Components Datasheet Search
  English  ▼

X  

BB207 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB207
Description  FM variable capacitance double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB207 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB207 Datasheet HTML 1Page - NXP Semiconductors BB207 Datasheet HTML 2Page - NXP Semiconductors BB207 Datasheet HTML 3Page - NXP Semiconductors BB207 Datasheet HTML 4Page - NXP Semiconductors BB207 Datasheet HTML 5Page - NXP Semiconductors BB207 Datasheet HTML 6Page - NXP Semiconductors BB207 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 13003
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2004
2 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
4.
Marking
[1]
* = p: made in Hong Kong.
* = w: made in China.
5.
Limiting values
6.
Characteristics
Table 3:
Marking
Type number
Marking code [1]
BB207
*13
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
continuous reverse voltage
-
15
V
IF
continuous forward current
-
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+125
°C
Table 5:
Electrical Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IR
reverse current
VR = 15 V; see Figure 2
−−
10
nA
VR =15V; Tj =85 °C; see Figure 2
−−
200
nA
rs
diode series resistance
f = 100 MHz; VR =3V
−
0.2
0.4
Ω
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Figure 1
76
81
86
pF
VR = 3 V; f = 1 MHz; see Figure 1
−
50.5
−
pF
VR = 7.5 V; f = 1 MHz; see Figure 1
25.5
27.6
29.7
pF
VR = 8 V; f = 1 MHz; see Figure 1
−
26.3
−
pF
capacitance ratio
f = 1 MHz
2.6
−
3.3
C
d1V
()
C
d 7.5V
()
--------------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com