Electronic Components Datasheet Search
  English  ▼

X  

AT1380AP Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1380AP
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AP Datasheet(HTML) 2 Page - Aimtron Technology

  AT1380AP Datasheet HTML 1Page - Aimtron Technology AT1380AP Datasheet HTML 2Page - Aimtron Technology AT1380AP Datasheet HTML 3Page - Aimtron Technology AT1380AP Datasheet HTML 4Page - Aimtron Technology AT1380AP Datasheet HTML 5Page - Aimtron Technology AT1380AP Datasheet HTML 6Page - Aimtron Technology AT1380AP Datasheet HTML 7Page - Aimtron Technology AT1380AP Datasheet HTML 8Page - Aimtron Technology AT1380AP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1380AS
SOP8
AT1380AS
AT1380AS_PBF
SOP8, Pb-Free
AT1380AS, Date Code with one bottom line
AT1380AS_GRE
SOP8, Green
AT1380AS, Date Code with two bottom line
AT1380AP
TSSOP8
AT1380AP
AT1380AP_PBF
TSSOP8, Pb-Free
AT1380AP, Date Code with one bottom line
AT1380AP_GRE
TSSOP8, Green
AT1380AP, Date Code with two bottom line
Pin Description
Pin No.
Symbol
I/O
Description
1
IN-
I
Error amplifier inverting input
2
SCP
—
Soft start and SCP setting capacitor connection
3
VCC
—
Power supply
4
BR/CTL
I
Output current setting
5
OUT
O
Totem-pole type output
6GND
—
Ground
7
OSC
—
Capacitor and resistor connection pin for setting the oscillation
frequency
8
FB
O
Error amplifier output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com