Electronic Components Datasheet Search
  English  ▼

X  

AT1380AP Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1380AP
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AP Datasheet(HTML) 3 Page - Aimtron Technology

  AT1380AP Datasheet HTML 1Page - Aimtron Technology AT1380AP Datasheet HTML 2Page - Aimtron Technology AT1380AP Datasheet HTML 3Page - Aimtron Technology AT1380AP Datasheet HTML 4Page - Aimtron Technology AT1380AP Datasheet HTML 5Page - Aimtron Technology AT1380AP Datasheet HTML 6Page - Aimtron Technology AT1380AP Datasheet HTML 7Page - Aimtron Technology AT1380AP Datasheet HTML 8Page - Aimtron Technology AT1380AP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Absolute Maximum Ratings
(Ta=+250C)
Rated Value
Parameter
Symbol
Condition
Min.
Max.
Unit
Power supply voltage
V
CC
——
15
V
Output source current
I
O
+
——
-50
mA
Output sink current
I
O
-
——
50
mA
P
D
SOP-8, Ta ≦+25°C
—570
mW
Allowable dissipation
P
D
TSSOP-8, Ta ≦+25°C
—430
mW
Operating temperature
T
OP
—-30
+85
0C
Storage temperature
T
stg
—
-55
+125
0C
ESD Classification
MIL-STD-883
Class 2
* : When mounted on a 10 cm square double-sided epoxy board
WARNING: Do not exceed these ratings. IC devices can be permanently damaged by stress (voltage,
current, temperature, etc.) in excess of absolute maximum ratings.
Recommended Operating Conditions
(Ta=+250C)
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
CC
2.5
--
13.5
V
Error amplifier input voltage
V
I
-0.2
--
1.0
V
BR/CTL pin input voltage
V
BR
-0.2
--
V
CC
V
Output source current
I
O
+
-20
--
--
mA
Output sink current
I
O
-
--
--
40
mA
SCP pin capacitance
C
PE
--
0.1
--
μF
Phase compensation capacitance
C
P
--
0.1
--
μF
Output current setting resistance
R
B
150
390
5000
Ω
Timing resistance
R
T
1.0
3.0
10.0
k
Ω
Timing capacitance
C
T
100
270
10000
pF
Oscillation frequency
f
OSC
10
500
1000
kHz
Operating temperature
T
OP
-30
+25
+85
°C
WARNING: Recommended operating conditions are normal operating ranges for the IC device. All the
device’s electrical characteristics are warranted for operation within these ranges. Use IC devices only
within the recommended operating conditions. Operation outside these ranges may adversely affect the
reliability and can result in device failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com