Electronic Components Datasheet Search
  English  ▼

X  

DFA200CB Datasheet(PDF) 3 Page - SanRex Corporation

Part # DFA200CB
Description  3-PHASE DIODE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DFA200CB Datasheet(HTML) 3 Page - SanRex Corporation

  DFA200CB Datasheet HTML 1Page - SanRex Corporation DFA200CB Datasheet HTML 2Page - SanRex Corporation DFA200CB Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DFA200CB
SCR Output Current vs Maximum Allowable Case Temperature
サイリスタ部 出力電流対最大許容ケース温度
150
140
130
120
110
100
90
80
Output Current(A)
出力電流(A)
0
50
100
150
200
250
最大許容ケース温度
(℃)
SCR Output Current vs Power Dissipation
サイリスタ部 最大電力損失
250
200
150
100
50
0
Output Current
出力電流 ID(A)
0
50
100
150
200
250
電力損失
PAV
(W)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com