Electronic Components Datasheet Search
  English  ▼

X  

RT100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT100
Description  Wirewound Rheostat/Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT100 Datasheet(HTML) 1 Page - Vishay Siliconix

  RT100 Datasheet HTML 1Page - Vishay Siliconix RT100 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
87
RT100, RTE100
Vishay Sfernice
Document Number: 50028
Revision 27-Jun-02
For technical questions, contact sfer@vishay.com
Wirewound Rheostat/Potentiometer
FEATURES
• 100 Watt at 25°C
• 70 Watt at 25°C
• CCTU 05-03B (PA5)
• Vitreous style RT100
• Lacquered style RTE100
RT100-PA5
PANEL CUT OUT DETAILS
MECHANICAL SPECIFICATIONS
Mechanical Protection
RT100 vitreous
RTE100 lacquered
Mechanical Travel
300° ± 5°
Operating Torque
4 to 20 Ncm
End Stop Torque
100 Ncm
Unit Weight
400 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
RT100 – 55°C + 320°C
RTE100 – 55°C + 220°C
Climatic Category
CCTU 454
CEI 55/200/56
ELECTRICAL SPECIFICATIONS
Ohmic Range
RT100
1
Ω to 15kΩ
RTE100
> 15k
Ω to 54kΩ
Tolerance Standard
± 10%
Power Rating
RT100
100 W at 25°C
RTE100
70 W at 25°C
Variation Law
Standard
linear
On request
sectorial winding
Limiting Element Voltage RT100
850V
RTE100
800V
Dielectric Strength
1500VRMS
Insulation Resistance
10
3M
Ω(500Vcc)
DIMENSIONS in millimeters
47
Ø 10.5
2 holes Ø 5
47
Ø 4.5
Ø 10.5
12.5 ± 0.5
A
Screw M4
54,5
60
+
85
3
60
50
6
- 0
6 - 0, 05
10
18
25
2
+
AS
Mounting side
56


Similar Part No. - RT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
117Kb / 4P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT100 VISHAY-RT100 Datasheet
119Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Omron Electronics LLC
RT100-4GM3010-G OMRON-RT100-4GM3010-G Datasheet
703Kb / 10P
Remote Access Solution
RT100-4GM3010-J OMRON-RT100-4GM3010-J Datasheet
703Kb / 10P
Remote Access Solution
RT100-EMM3010 OMRON-RT100-EMM3010 Datasheet
703Kb / 10P
Remote Access Solution
More results

Similar Description - RT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com