Electronic Components Datasheet Search
  English  ▼

X  

RT100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT100
Description  Wirewound Rheostat/Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT100 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT100 Datasheet HTML 1Page - Vishay Siliconix RT100 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 50028
Revision 27-Jun-02
www.vishay.com
88
RT100, RTE100
Vishay Sfernice
For technical questions, contact sfer@vishay.com
PANEL CUT OUT DETAILS
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
Ω
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
1
15
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1k
1.5k
2.2k
3.3k
4.7k
6.8k
10k
15k
10
12..2
14.8
18.2
21.7
26.1
31.6
38.7
46.9
57.4
68.6
82.5
100
122
148
182
217
261
316
387
469
574
686
825
850
850
10
8.16
6.74
5.50
4.61
3.84
3.16
2.58
2.13
1.74
1.46
1.2
1
0.816
0.674
0.550
0.461
0.384
0.316
0.258
0.213
0.174
0.146
0.121
0.085
0.057
LOCKING DEVICE
Supplied as an option the spindle locking device can only be
fitted to units with control mounting and locating peg.
The part A is removed (see drawing).
The available spindle length is according to the panel
thickness.
Order reference : DBA6.
For any special requirement on request : spindle flats, etc.
Please supply detailed drawing.
AD
ADF
ASF
AL
AS
Ø
mm
6
6
WITHOUT
WITH
WITH
WITHOUT
WITHOUT
22
25
50
25
SCREW DRIVER
SLOT
CODE
DISTANCE TO MOUNTING
PLATE mm
SPINDLES
Wirewound Rheostat/Potentiometer
SERIES
RTE
STYLE
SPINDLE
LOCKING
DEVICE
VARIATION
LAW
ACC
41JF
CG78
XXX
SPECIAL
DESIGN
Method N°
Optional
OHMIC
VALUE
SPINDLE
(Code)
WINDING
RT
100
Optional
Optional
L
6.8k
Ω
AL
for special
spindles
please supply
detailed drawing
± 10%
OPTIONS
VITREOUS
LACQUERED
ORDERING PROCEDURE
TOLERANCE
MODEL
KNOB
DIAL
OTHER SPECIAL
REQUIREMENTS
COMMAND KNOB 41JF (OPTION)
DIAL CG78 (OPTION)
Ø 4.5
Ø 10.5
12.5 ± 0.5
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
78
65
2 holes Ø 4.5
78
65
47
MARKING
SFERNICE trademark, series, style, ohmic value (in
Ω or kΩ), tolerance (in %), maximum current in A, manufacturing date
18
21
Ø 6
Ø 56
1 ± 0.2
2 tightening screws
spanner n° 14
max. panel
thickness 6.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com