Electronic Components Datasheet Search
  English  ▼

X  

FM3808 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM3808
Description  256Kb Bytewide FRAM w/ Real-Time Clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM3808 Datasheet HTML 1Page - Ramtron International Corporation FM3808 Datasheet HTML 2Page - Ramtron International Corporation FM3808 Datasheet HTML 3Page - Ramtron International Corporation FM3808 Datasheet HTML 4Page - Ramtron International Corporation FM3808 Datasheet HTML 5Page - Ramtron International Corporation FM3808 Datasheet HTML 6Page - Ramtron International Corporation FM3808 Datasheet HTML 7Page - Ramtron International Corporation FM3808 Datasheet HTML 8Page - Ramtron International Corporation FM3808 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FM3808
Rev 1.1
May 2003
Page 2 of 28
FRAM Array
32,752x8
Address Decoder/
Bus Interface
16 Clock/Calendar
Registers
Clock/Calendar
Alarm
Interrupt Control
Logic
System Supervisor
Low VDD monitor/
Watchdog timer
Data
Address
CE
OE
WE
INT
32.768
kHz
VDD
VBAK
Switched
power
Watchdog
timebase
X1
X2
Figure 1. Block Diagram
Pin Description
Pin Name
I/O
Pin Description
A0-A14
Input
Address: The 15 address inputs select one of 32,752 bytes in the FRAM array or one of
16 bytes in the clock/calendar. The address is latched on the falling edge of /CE.
DQ(7:0)
I/O
Data: Bi-directional 8-bit data bus for accessing the FRAM array and clock.
/CE
Input
Chip Enable: The active low /CE input selects the device. The falling edge of /CE
internally latches the address. Address changes that occur after /CE has transitioned
low are ignored until the next falling edge occurs.
/OE
Input
Output Enable: The active low /OE input enables the data output buffers during read
cycles. Deasserting /OE high causes the DQ pins to tri-state.
/WE
Input
Write Enable: The active low /WE low enables data on the DQ pins to be written to the
address location latched by the falling edge of /CE.
X1, X2
Input
Connect 32.768 kHz crystal.
INT
Output
Interrupt output: This output can be programmed to respond to the clock/calendar
alarm, the watchdog timer, and the power monitor. It is programmable to either active
high (push/pull) or active low (open-drain).
VBAK
Supply
Backup Supply Voltage: This supply is used to maintain power for the clock. It must
remain between 2.5V and VDD-0.3V. VBAK is typically supplied by either a capacitor
or a battery. Current is drawn from VBAK when VDD is below the VBAK voltage.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com