Electronic Components Datasheet Search
  English  ▼

X  

LT1089CT Datasheet(PDF) 3 Page - Linear Technology

Part # LT1089CT
Description  High Side Switch Utilizing Bipolar Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089CT Datasheet(HTML) 3 Page - Linear Technology

  LT1089CT Datasheet HTML 1Page - Linear Technology LT1089CT Datasheet HTML 2Page - Linear Technology LT1089CT Datasheet HTML 3Page - Linear Technology LT1089CT Datasheet HTML 4Page - Linear Technology LT1089CT Datasheet HTML 5Page - Linear Technology LT1089CT Datasheet HTML 6Page - Linear Technology LT1089CT Datasheet HTML 7Page - Linear Technology LT1089CT Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1089
3
1089fa
PARAMETER
CONDITIONS (NOTE 2)
MIN
TYP
MAX
UNITS
Output Saturation Voltage
ISWITCH = 7.5A, (VIN – GND) = 5V,
●
1.3
1.5
V
4V (VCC – GND) < 20V
Input Voltage (VIN – GND)
Switch ON,
1.5
V
(Note 3) 4V < (VCC – GND) < 20V
●
2.4
V
Switch OFF,
1.5
V
(Note 4) 4V < (VCC – GND) < 20V
●
0.8
V
Input Current
Switch ON, (VIN – GND) = 5V
– 20
µA
●
– 100
µA
Switch OFF, (VIN – GND) = 0V
0
µA
●
±5
µA
Ground Pin Current
Switch ON, (VIN – GND) = 5V
3.5
m A
●
5.0
m A
Switch OFF, (VIN – GND) = 0V
0
µA
●
±20
µA
Output Current
Switch OFF, (VIN – GND) = 0V
●
5
10
mA
Current Limit
Switch ON, (VIN – GND) = 5V
(VCC – VOUT) = 5V
●
8.0
9.5
12.0
A
(VCC – VOUT) = 20V
●
0.5
1.0
1.5
A
Turn-On Delay
1
µs
●
10
µs
Turn-Off Delay
5
µs
●
20
µs
Output Risetime
RLOAD = 4Ω
10
µs
●
25
µs
Output Falltime
RLOAD = 4Ω (Note 5)
10
µs
●
25
µs
Thermal Resistance
K Package
1.6
°C/ W
T Package
2.0
°C/ W
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over full operating
temperature range. (Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Unless otherwise specified, (VCC – GND) = 20V and the output
load is referred to the ground pin (GND) of the device. Positive current
values are defined to flow out of the device.
Note 3: For input voltages greater than 2.4V the device Is guaranteed to be
turned on. 1.5V is the typical threshold at 25°C.
Note 4: For input voltages less than 0.8V, the device is guaranteed to be in
an off state. 1.5V is the typical switch threshold at 25°C.
Note 5: For reactive loads such as large capacitors, the output falltime will
be determined by the load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com