Electronic Components Datasheet Search
  English  ▼

X  

LT1089CT Datasheet(PDF) 5 Page - Linear Technology

Part # LT1089CT
Description  High Side Switch Utilizing Bipolar Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089CT Datasheet(HTML) 5 Page - Linear Technology

  LT1089CT Datasheet HTML 1Page - Linear Technology LT1089CT Datasheet HTML 2Page - Linear Technology LT1089CT Datasheet HTML 3Page - Linear Technology LT1089CT Datasheet HTML 4Page - Linear Technology LT1089CT Datasheet HTML 5Page - Linear Technology LT1089CT Datasheet HTML 6Page - Linear Technology LT1089CT Datasheet HTML 7Page - Linear Technology LT1089CT Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1089
5
1089fa
Driving Ground Referred Loads
Driving Negative Referred Loads
Driving Inductive Loads
LT1089 • TA01
VOUT
12V
LOGIC
IN
LT1089
LT1089 • TA02
VOUT
12V
–5V
LOGIC
IN
LT1089
LT1089 • TA03
VOUT
12V
20V
LOGIC
IN
LT1089
TYPICAL APPLICATIO S
APPLICATIO HI TS
The logic and ground pins function as a differential logic
input with a common-mode range of VCC to VCC – 20V and
a differential threshold voltage (VLOGIC – GND) of 1.5V.
Note that if either Logic In or GND are left open the switch
remains inactive.
The LT1089 must be protected against overvoltage at
turn-off when driving inductive loads. The inductive flyback
voltage can easily exceed the maximum operating switch
voltage (VCC – VOUT) of 20V, potentially damaging the
switch. The solution is to clamp the switch voltage to 20V
or less with a zener diode. Remember that the switch can
handle 7.5A and the Zener may be required to handle the
same amount of current.
Care must be exercised when operating near the
maximum switch voltage. A high current or capacitive load
may trip the current limit circuit at turn-on, thereby
adversely affecting the risetime of VOUT. The risetime is
then governed by the current limit divided by the load
capacitance, while the falltime is a function of the complex
load. In addition, at switch voltages greater than 18V
the switch current must be less than 0.5A or the device
output will not pull up. Check the short circuit current
characteristics for more detailed information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com