Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDAR Datasheet(HTML) 3 Page - Texas Instruments

  TSC2102IDAR Datasheet HTML 1Page - Texas Instruments TSC2102IDAR Datasheet HTML 2Page - Texas Instruments TSC2102IDAR Datasheet HTML 3Page - Texas Instruments TSC2102IDAR Datasheet HTML 4Page - Texas Instruments TSC2102IDAR Datasheet HTML 5Page - Texas Instruments TSC2102IDAR Datasheet HTML 6Page - Texas Instruments TSC2102IDAR Datasheet HTML 7Page - Texas Instruments TSC2102IDAR Datasheet HTML 8Page - Texas Instruments TSC2102IDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
3
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
AVDD to AVSS
−0.3 V to 3.9 V
DRVDD to DRVSS
−0.3 V to 3.9 V
IOVDD to DVSS
−0.3 V to 3.9 V
DVDD to DVSS
−0.3 V to 2.5 V
Digital input voltage to GND
−0.3 V to IOVDD + 0.3 V
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 105°C
Junction temperature (TJ Max)
105
°C
TSSOP package
Power dissipation
(TJ Max − TA)/θJA
TSSOP package
θJA Thermal impedance
60
°C/W
Lead temperature
Soldering vapor phase (60 sec)
215
°C
Lead temperature
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
At +25
°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TOUCH SCREEN
AUXILIARY ANALOG INPUT
Input voltage range
AUX input selected as input by touch-screen
0
+VREF
V
Input capacitance
AUX input selected as input by touch-screen
ADC
25
pF
Input leakage current
ADC
±1
µA
BATTERY MONITOR INPUTS
Input voltage range
0.5
6.0
V
Input leakage current
Battery conversion not selected
±1
µA
TOUCH SCREEN A/D CONVERTER
Resolution
Programmable: 8-, 10-,12-bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral nonlinearity
−5
5
LSB
Offset error
−6
6
LSB
Gain error
Gain error is calculated with the effect of
internal reference variation removed.
−6
6
LSB
Noise
50
µVrms
STEREO AUDIO CODEC
DAC INTERPOLATION FILTER
Pass band
20
0.45Fs
Hz
Pass band ripple
±0.06
dB
Transition band
0.45Fs
0.5501Fs
Hz
Stop band
0.5501Fs
7.455Fs
Hz
Stop band attenuation
65
dB
Filter group delay
21/Fs
Sec
De−emphasis error
±0.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com