Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDAR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSC2102IDAR Datasheet HTML 29Page - Texas Instruments TSC2102IDAR Datasheet HTML 30Page - Texas Instruments TSC2102IDAR Datasheet HTML 31Page - Texas Instruments TSC2102IDAR Datasheet HTML 32Page - Texas Instruments TSC2102IDAR Datasheet HTML 33Page - Texas Instruments TSC2102IDAR Datasheet HTML 34Page - Texas Instruments TSC2102IDAR Datasheet HTML 35Page - Texas Instruments TSC2102IDAR Datasheet HTML 36Page - Texas Instruments TSC2102IDAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
33
BIT
FUNCTION
RESET VALUE
READ/
WRITE
NAME
D3−D1
PVSTC
R/W
000
Panel Voltage Stabilization Time Control. These bits allow you to specify a delay time from
the time the touch screen drivers are enabled to the time the voltage is sampled and a
conversion is started. This allows the user to adjust for the settling of the individual touch
panel and external capacitances.
000 => 0-
µs stabilization time
001 => 100-
µs stabilization time
010 => 500-
µs stabilization time
011 => 1-ms stabilization time
100 => 5-ms stabilization time
101 => 10-ms stabilization time
110 => 50-ms stabilization time
111 => 100-ms stabilization time
D0
AVGFS
R/W
0
Average Filter select
0 => Mean filter
1 => Median filter
REGISTER 01H: Status Register
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D14
PINTDAV
R/W
10
Pen Interrupt or Data Available. These two bits program the function of the PINTDAV pin.
00 => Acts as PEN interrupt (active low) only. When PEN touch is detected, PINTDAV goes low.
01 => Acts as data available (active low) only. The PINTDAV goes low as soon as one set of ADC
conversion(s) is completed. For scan mode, PINTDAV remains low as long as all the
appropriate registers have not been read out.
10 => Acts as both PEN interrupt and data available. When PEN touch is detected, PINTDAV goes
low. PINTDAV goes high once all the selected conversions are over.
11 => Same as 10
Note: See the section Conversion Time Calculation for the TSC2102 in this data sheet for timing
diagrams and conversion time calculations.
D13
PWRDN
R
0
TSC−ADC Power down status
0 => TSC−ADC is active
1 => TSC−ADC stops conversion and powers down
D12
HCTLM
R
0
Host Controlled Mode Status
0 => Host controlled mode
1 => Self (TSC2102) controlled mode
D11
DAVAIL
R
0
Data Available Status
0 => No data available.
1 => Data is available(i.e one set of conversion is done)
Note:− This bit gets cleared only after all the converted data have been completely read out.
D10
XSTAT
R
0
X Data Register Status
0 => No new data is available in X−data register
1 => New data for X−coordinate is available in register
Note: This bit gets cleared only after the converted data of X coordinate has been completely read
out of the register.
D9
YSTAT
R
0
Y Data Register Status
0 => No new data is available in Y−data register
1 => New data for Y−coordinate is available in register
Note: This bit gets cleared only after the converted data of Y coordinate has been completely read
out of the register.
D8
Z1STAT
R
0
Z1 Data Register Status
0 => No new data is available in Z1−data register
1 => New data is available in Z1−data register
Note: This bit gets cleared only after the converted data of Z1 coordinate has been completely read
out of the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com