Electronic Components Datasheet Search
  English  ▼

X  

RCD-48 Datasheet(PDF) 1 Page - Recom International Power

Part # RCD-48
Description  Constant Current Buck LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-48 Datasheet(HTML) 1 Page - Recom International Power

  RCD-48 Datasheet HTML 1Page - Recom International Power RCD-48 Datasheet HTML 2Page - Recom International Power RCD-48 Datasheet HTML 3Page - Recom International Power RCD-48 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1200
300
1000
Ambient Temperature Range (°C)
-40
0
20
40
50
80 100
350
500
700
80
50
75
Natural Convection
60
60
RCD-48
LIGHTLINE
DC/DC-Converter
with 5 year Warranty
Constant
Current
Buck LED
Driver
Selection Guide
Operating Input Voltage Range
9-60VDC
Absolute Maximum Input Voltage
65VDC max.
Output LED String Voltage Range
2V min. / 56V max.
(depand on the input voltage, defined by the output impedance, see Safe Operating Area)
Input Filter
Capacitor
Output Current Accuracy
±3% typ. / ±5% max.
Internal Power Dissipation
350mA
0.8W typ.
(Vin=60V, Vout=56V)
500mA
1.0W typ.
700mA
1.1W typ.
1000mA
1.3W typ.
1200mA
1.4W typ.
Output Current Stability
Vin=60V, Vout=2-56V, Iout=350-1200mA
±1% max.
Output Ripple and Noise (20MHz BW)
Vin=60V, Vout=2-56V, Iout=350-1200mA
300mVp-p max.
Maximum Capacitive Load
100μF max.
Switching Frequency
50kHz min. / 1000kHz max.
Efficiency at Full Load
96% typ.
PWM DIMMING CONTROL & REMOTE ON/OFF CONTROL
Input Voltage Range
5V typ. / 10V max.
Threshold Voltage
Device ON
0.5V max.
Device OFF
2.0V min.
PWM Frequency
For Linear Operation
200Hz max.
Frequency Limit
1000Hz max.
ANALOGUE DIMMING CONTROL (Leave open if not used - do not tie to +Vin)
Input Voltage Range
0V min. / 10V max.
Control Voltage Range
0V min. / 5.1V max.
Note: The analogue dimming range is from 0% to 100%, but the output can be unstable below 10%, when using the analo-
gue dimming function.
Analogue Pin Drive Current
Vc=5V
0.2mA max.
Vref Version
Vref Voltage
4.95V
Vref Output Current
0.5mA
Vref Output Short Circuit Current
2mA typ.
Ambient Temperature
350mA
-40°C to +80°C
(free air convection)
500mA
-40°C to +80°C
700mA
-40°C to +75°C
1000mA
-40°C to +60°C
1200mA
-40°C to +50°C
Analogue and PWM Dimming Control Note: Leave open if not used - do not tie to +Vin
continued on next page
Specifications (typical at 25°C, nominal input voltage, rated output current unless otherwise specified)
Description
The RCD-48 series is a step-down constant current source designed for driving high power LED applications.
Four output currents are available. The maximum output voltage is 56V. The buck drivers have digital PWM
and/or analogue voltage dimming control and are special featured with very high efficiency. Typical applications
are 48V bus lighting solutions or high voltage LED arrays (e.g. high bay lights).
● 70W Buck LED Driver
● Constant Current Output (350 to 1200mA)
● Digital PWM and Analogue Voltage Dimming
● High Efficiency to 96%
● EN, UL and RAILWAYS Certified
● Metal or Plastic Case Version
● IP67 Rated for /W, Plastic Case Version
Features
LED DRIVER
Part
Input
Output
Output
Dimming
Efficiency
Number
Range
Current
Voltage
Control
Typ.
(VDC)
(mA)
(VDC)
(%)
RCD-48-0.35*
9-60
0-350
2-56
Digital + Analogue
96
RCD-48-0.50*
9-60
0-500
2-56
Digital + Analogue
96
RCD-48-0.70*
9-60
0-700
2-56
Digital + Analogue
96
RCD-48-1.00*
9-60
0-1000
2-56
Digital + Analogue
96
RCD-48-1.20/M
9-60
0-1200
2-56
Digital + Analogue
96
*add suffix “/W“ for wired version with Vref output and analogue + PWM dimming control (seven wires)
Note:
Add suffix “/M“ for metal case (RCD-48-1.20/M only). No metal case with wires available.
Standard version (no suffix) and wired version (suffix /W) only in plastic case.
EN-50121-3-2 Certified
EN-60950-1 Certified
UL-60950-1 Certified
E224736
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
L-12
www.recom-power.com
REV: 0/2015


Similar Part No. - RCD-48

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24 RECOM-RCD-24 Datasheet
178Kb / 4P
Constant Current Single Output
RCD-24 RECOM-RCD-24 Datasheet
358Kb / 6P
Constant Current LED Driver
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
178Kb / 4P
Constant Current Single Output
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
358Kb / 6P
Constant Current LED Driver
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
109Kb / 3P
SMD Constant Current LED Driver
More results

Similar Description - RCD-48

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8022 TPOWER-TP8022 Datasheet
599Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
Linear buck LED constant current driver
logo
Recom International Pow...
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
Average current type LED buck constant current driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com