Electronic Components Datasheet Search
  English  ▼

X  

RCD-48 Datasheet(PDF) 3 Page - Recom International Power

Part # RCD-48
Description  Constant Current Buck LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-48 Datasheet(HTML) 3 Page - Recom International Power

  RCD-48 Datasheet HTML 1Page - Recom International Power RCD-48 Datasheet HTML 2Page - Recom International Power RCD-48 Datasheet HTML 3Page - Recom International Power RCD-48 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RCD-48
Series
LIGHTLINE
DC/DC-Converter
Package Style and Pinning
EMI Filter Suggestions
Wire Connections
RCD-48-x.xx/W
Pin#
Function
Wire color
1
+Vin
Red
2
GND
Black
3
Vref
Yellow
4
PWM/ON/OFF
Blue
5
Analogue Dimming Green
6
LED-
Brown
7
LED+
Yellow
Wires: UL/CSA approved (22AWG/300V)
Wired Version (Plastic)
(Yellow) 7
(Brown) 6
2 (Black)
1 (Red)
3
4
5
27.94
32.60
Bottom View
10.16
16.56
11.10
93.0 3
10.0
1.60
0.75
Unit: mm
Tolerance:
XX.X ± 1.0 mm
XX.XX ± 0.25 mm
RCD-48
Class B
DC
IN
C1
C2
C3
C6
C5
C7
C8
C9
LOAD
1
2
PWM
4
Analog
5
6
7
C4
Vref
3
Vin
LED+
LED-
+
-
Top Layer
L1
C1
C4
C5
LED+
LED-
C9
C3
Bottom Layer
C2
C7
C8
5
4
3
2
1
6
7
Filter Suggestion
L1
1mH (e.g. WE744272102)
C1
10μF
C2
1μF
C3
100nF close to Pins
C4 - C9
10nF
L-14
www.recom-power.com
REV: 0/2015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com