Electronic Components Datasheet Search
  English  ▼

X  

FMAF201 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # FMAF201
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FMAF201 Datasheet(HTML) 6 Page - Leshan Radio Company

  FMAF201 Datasheet HTML 1Page - Leshan Radio Company FMAF201 Datasheet HTML 2Page - Leshan Radio Company FMAF201 Datasheet HTML 3Page - Leshan Radio Company FMAF201 Datasheet HTML 4Page - Leshan Radio Company FMAF201 Datasheet HTML 5Page - Leshan Radio Company FMAF201 Datasheet HTML 6Page - Leshan Radio Company FMAF201 Datasheet HTML 7Page - Leshan Radio Company FMAF201 Datasheet HTML 8Page - Leshan Radio Company FMAF201 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Title :
B. Carrier Tape
Item
SOD323HE SOD123FL SMA-FL
SMB-FL
TO277
W
8±0.3
8±0.3
12±0.3
12±0.3
12±0.3
P1
4±0.1
4±0.1
4±0.1
8±0.1
8±0.1
E
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1 1.75±0.1
F
3.5±.05
3.5±.05
5.5±.05
5.5±0.05 5.5±.05
D0
1.55±0.05
1.55±0.05
1.55±0.05
1.55±0.05 1.55±0.05
D1
1.1±0.1
1.1±0.1
1.5±0.1
1.55±0.05 1.5±0.1
P0
4±0.1
4±0.1
4±0.1
4±0.1
4±0.1
P2
2±0.05
2±0.05
2±0.05
2±0.05
2±0.05
10P0
40±0.2
40±0.2
40±0.2
40±0.2
40±0.2
A0
1.45±0.1
1.95±0.1
2.83±0.1
3.8±0.1
4.3±0.1
B0
2.75±0.1
3.95±0.1
4.75±0.1
5.75±0.1 6.8±0.1
K0
0.80±0.1
1.30±0.1
1.42±0.1
1.4±0.1
1.35±0.1
T
0.25±0.05
0.25±0.05
0.25±0.05
0.25±0.05 0.25±0.05
DOC NO.:
WI-258
Power Diode SMD Package Packing Spec
Version: 5
Modification: 0
Page: 4
SEC.:A-A'
Ao
P2
P1
A
Do
A'
B
Po
B'
SEC.:B-B'
t
D1
Cathode(tape
hole side)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com