Electronic Components Datasheet Search
  English  ▼

X  

FMAF201 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FMAF201
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FMAF201 Datasheet(HTML) 1 Page - Leshan Radio Company

  FMAF201 Datasheet HTML 1Page - Leshan Radio Company FMAF201 Datasheet HTML 2Page - Leshan Radio Company FMAF201 Datasheet HTML 3Page - Leshan Radio Company FMAF201 Datasheet HTML 4Page - Leshan Radio Company FMAF201 Datasheet HTML 5Page - Leshan Radio Company FMAF201 Datasheet HTML 6Page - Leshan Radio Company FMAF201 Datasheet HTML 7Page - Leshan Radio Company FMAF201 Datasheet HTML 8Page - Leshan Radio Company FMAF201 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case
: JEDEC SMA-FL, molded plastic over glass DIE
We declare that the material of product is
Terminals
: Plated leads, solderable per
Haloggen free (green epoxy compound)
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0327g
Handling precautin
:None
Electrical Characteristic
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FMAF
201
FMAF
202
FMAF
203
FMAF
204
FMAF
205
FMAF
206
FMAF
207
Unit
Device marking code
F21
F22
F23
F24
F25
F26
F27
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
lead length at Tc = 75°C(Note 2)
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
RθJC
°C/W
Operating junction temperature range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FMAF
201
FMAF
202
FMAF
203
FMAF
204
FMAF
205
FMAF
206
FMAF
207
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TJ= 25°C
at rated DC blocking voltage TJ = 125°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz (Note 1)
CJ
PF
NOTES:
1. 8.0mm
2 (.013mm thick) land areas
FMAF201 thru FMAF207
Surface Mount Glass Passivated Junction Rectifiers
Reverse Voltage 50 to 1000V Forward Current 2.0A
–65 to +175
1.1
5.0
100
15.0
2.0
60
150
25
–55 to +150


Similar Part No. - FMAF201

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FMAF401 LRC-FMAF401 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF402 LRC-FMAF402 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF403 LRC-FMAF403 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF404 LRC-FMAF404 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FMAF405 LRC-FMAF405 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results

Similar Description - FMAF201

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com