Electronic Components Datasheet Search
  English  ▼

X  

AD8512 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8512
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8512 Datasheet HTML 2Page - Analog Devices AD8512 Datasheet HTML 3Page - Analog Devices AD8512 Datasheet HTML 4Page - Analog Devices AD8512 Datasheet HTML 5Page - Analog Devices AD8512 Datasheet HTML 6Page - Analog Devices AD8512 Datasheet HTML 7Page - Analog Devices AD8512 Datasheet HTML 8Page - Analog Devices AD8512 Datasheet HTML 9Page - Analog Devices AD8512 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3. AD8510/AD8512/AD8513 Stress Ratings1
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±VS
Output Short-Circuit Duration to GND
Observe Derating
Curves
Storage Temperature Range
R, RM Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
R, RM Packages
−65°C to +150°C
Lead Temperature Range
(Soldering, 10 sec)
300°C
Electrostatic Discharge (HBM)
2000 V
Table 4. Thermal Resistance
Package Type
θJA2
θJC
Unit
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in
the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
2 θJA is specified for worst-case conditions, i.e., θJA is specified for device
soldered in circuit board for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com