Electronic Components Datasheet Search
  English  ▼

X  

AD8512 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8512
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8512 Datasheet HTML 11Page - Analog Devices AD8512 Datasheet HTML 12Page - Analog Devices AD8512 Datasheet HTML 13Page - Analog Devices AD8512 Datasheet HTML 14Page - Analog Devices AD8512 Datasheet HTML 15Page - Analog Devices AD8512 Datasheet HTML 16Page - Analog Devices AD8512 Datasheet HTML 17Page - Analog Devices AD8512 Datasheet HTML 18Page - Analog Devices AD8512 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 15 of 20
TIME (1
µs/DIV)
VSY = ±15V
CL = 500pF
RL =10kΩ
Figure 46. Capacitive Load Drive without Snubber
When the snubber circuit is used, the overshoot is reduced from
55% to less than 3% with the same load capacitance. Ringing is
virtually eliminated, as shown in Figure 47.
TIME (1
µs/DIV)
VSY = ±15V
RL =10kΩ
CL = 500pF
RS =100Ω
CS =1nF
Figure 47. Capacitive Load with Snubber Network
Optimum values for RS and CS depend on the load capacitance
and input stray capacitance and are determined empirically.
Table 5 shows a few values that can be used as starting points.
Table 5. Optimum Values for Capacitive Loads
CLOAD
RS (Ω)
CS
500 pF
100
1 nF
2 nF
70
100 pF
5 nF
60
300 pF
OPEN-LOOP GAIN AND PHASE RESPONSE
In addition to their impressive low noise, low offset voltage, and
offset current, the AD8510/AD8512/AD8513 have excellent
loop gain and phase response even when driving large resistive
and capacitive loads. They were compared to the OPA2132
under the same conditions. With a 2.5 kΩ load at the output, the
AD8510/AD8512/AD8513 have more than 8 MHz of band-
width and a phase margin of more than 52°.
The OPA2132, on the other hand, has only 4.5 MHz of band-
width and 28° of phase margin under the same test conditions.
Even with a 1 nF capacitive load in parallel with the 2 kΩ load
at the output, the AD8510/AD8512/AD8513 show much better
response than the OPA2132, whose phase margin is degraded to
less than 0, indicating oscillation.
FREQUENCY (Hz)
10k
–30
–20
–10
100k
0
10
30
1M
10M
50M
40
50
20
60
70
–135
–90
–45
0
45
90
135
190
225
270
315
VSY = ±15V
RL = 2.5kΩ
CL = 0
Figure 48. Frequency Response of the AD8510/AD8512/AD8513
FREQUENCY (Hz)
10k
–30
–20
–10
100k
0
10
30
1M
10M
50M
40
50
20
60
70
–135
–90
–45
0
45
90
135
190
225
270
315
VSY = ±15V
RL = 2.5kΩ
CL = 0
Figure 49. Frequency Response of the OPA2132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com