Electronic Components Datasheet Search
  English  ▼

X  

ADM8832 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8832
Description  Charge Pump Regulator for Color TFT Panel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8832 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8832 Datasheet HTML 2Page - Analog Devices ADM8832 Datasheet HTML 3Page - Analog Devices ADM8832 Datasheet HTML 4Page - Analog Devices ADM8832 Datasheet HTML 5Page - Analog Devices ADM8832 Datasheet HTML 6Page - Analog Devices ADM8832 Datasheet HTML 7Page - Analog Devices ADM8832 Datasheet HTML 8Page - Analog Devices ADM8832 Datasheet HTML 9Page - Analog Devices ADM8832 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM8832
Rev. A | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
15
C4–
C2+
C2–
C3+
C3–
14
13
12
1
2
3
11
4
5
+5VIN
+5VOUT
LDO_IN
VOUT
VCC
ADM8832
TOP VIEW
PIN 1
INDICATOR
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
VCC
Positive Supply Voltage Input. Connect this pin to 3 V supply with a 2.2 µF decoupling capacitor.
2
VOUT
Voltage Doubler Output. This is derived by doubling the 3 V supply. A 2.2 µF capacitor to ground is required on
this pin.
3
LDO_IN
Voltage Regulator Input. The user has the option to bypass this circuit using the LDO_ON/OFF pin.
4
+5VOUT
+5.1 V Output Pin. This is derived by doubling and regulating the +3 V supply. A 2.2 µF capacitor to ground is
required on this pin to stabilize the regulator.
5
+5VIN
+5.1 V Input Pin. This is the input to the voltage tripler and doubler inverter charge pump circuits.
6
LDO_ON/OFF
Control Logic Input. 3 V CMOS logic. A logic high selects the internal LDO for regulation of the 5 V voltage
doubler output. A logic low isolates the internal LDO from the rest of the charge pump circuits. This allows the
use of an external LDO to regulate the 5 V voltage doubler output. The output of this LDO is then fed back into
the voltage tripler and doubler/inverter circuits of the ADM8832.
7
SHDN
Digital Input. 3 V CMOS logic. Active low shutdown control. This pin shuts down the timing generator and
enables the discharge circuit to dissipate the charge on the voltage outputs, thus driving them to 0 V.
8
SCAN/BLANK
Drive Mode Input. 3 V CMOS logic. A logic high places the part in scan (high current) mode, and the charge
pump is driven by the internal oscillator. A logic low places the part in blanking (low current) mode, and the
charge pump is driven by the (slower) external oscillator. This is a power saving feature on the ADM8832.
9
CLKIN
External CLOCK Input. During a blanking period, the oscillator circuit selects this pin to drive the charge pump
circuit. This is at a lower frequency than the internal oscillator, resulting in lower quiescent current
consumption, thus saving power.
10
+15VOUT
+15.3 V Output Pin. This is derived by tripling the +5.1 V regulated output. A 1 µF capacitor is required on
this pin.
11, 12
C3−, C3+
External capacitor C3 is connected between these pins. A 1 µF capacitor is recommended.
13, 14
C2−, C2+
External capacitor C2 is connected between these pins. A 1 µF capacitor is recommended.
15, 16
C4−, C4+
External capacitor C4 is connected between these pins. A 1 µF capacitor is recommended.
17
−10VOUT
−10.2 V Output Pin. This is derived by doubling and inverting the +5.1 V regulated output. A 1 µF capacitor is
required on this pin.
18
GND
Device Ground Pin.
19, 20
C1−, C1+
External capacitor C1 is connected between these pins. A 2.2 µF capacitor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com