Electronic Components Datasheet Search
  English  ▼

X  

ADM8832 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8832
Description  Charge Pump Regulator for Color TFT Panel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8832 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8832 Datasheet HTML 4Page - Analog Devices ADM8832 Datasheet HTML 5Page - Analog Devices ADM8832 Datasheet HTML 6Page - Analog Devices ADM8832 Datasheet HTML 7Page - Analog Devices ADM8832 Datasheet HTML 8Page - Analog Devices ADM8832 Datasheet HTML 9Page - Analog Devices ADM8832 Datasheet HTML 10Page - Analog Devices ADM8832 Datasheet HTML 11Page - Analog Devices ADM8832 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM8832
Rev. A | Page 10 of 12
THEORY OF OPERATION
SCANNING AND BLANKING
A TFT LCD panel is made up of a bank of capacitors, each
representing a pixel in the display. These capacitors store
different levels of charge, depending on the amount of
luminescence required for a given pixel. When a picture is
displayed on the panel, a scan of all the pixel capacitors is
performed, placing different levels of charge on each in order to
create the image. The process of updating the display like this is
called scanning. Once scanned, an image is held by pixel
capacitance, and the controller and source line drivers can be
put into a low power mode. This low power mode is referred to
as the blanking mode on the ADM8832. Over a finite period of
time, this pixel charge will leak and the capacitors will need to
be refreshed in order to maintain the image.
The ADM8832 uses scanning and blanking modes, as follows.
When the TFT LCD panel is in scanning mode, a logic high on
the SCAN/BLANK input places the device in high current
power mode, providing extra power (extra current) to the LCD
controller and the source line drivers. If the panel continues to
be updated (as when a moving picture is being displayed), the
ADM8832 can be continually operated in scanning mode. If the
same image is kept on the panel, a logic low is applied to the
SCAN/BLANK input, and the ADM8832 enters blanking (low
current) mode. Depending on how often the image is updated,
the ADM8832 can be operated with a variable SCAN/ BLANK
duty cycle. This helps to maximize power efficiency and,
therefore, extends the battery life.
POWER SEQUENCING
The gate drive supplies must be sequenced such that the −10 V
supply is up before the +15 V supply for the TFT panel to power
on correctly. The ADM8832 controls this sequence. When the
device is turned on (a logic high on SHDN), the ADM8832
allows the −10 V output to ramp immediately, but holds off the
+15 V output. It continues to do this until the negative output
reaches −3 V. At this point, the positive output is enabled and
allowed to ramp up to +15 V. This sequence is shown in Figure 17.
VCC
LOAD
SCAN/BLANK
EXTERNAL
CLOCK
SHDN
+5V
+15V
–10V
90%
10%
10%
90%
tF15V
tF5V
tR5V
tR15V
tR15V
tF10V
tR10V
–3V
Figure 17. Power Sequence
TRANSIENT RESPONSE
The ADM8832 features extremely fast transient response,
making it very suitable for fast image updates on TFT LCD
panels. This means that even under changing load conditions
there is still very effective regulation of the 5 V output. Figure 12
and Figure 13 show how the 5.1 V output responds when a
maximum load is dynamically connected and disconnected.
Note that the output settles within 5 µs to less than 1% of the
output level.
EXTERNAL CLOCK
The ADM8832 has an internal 100 kHz oscillator, but an
external clock source can also be used to clock the part. This
clock source must be applied to the CLKIN pin. Power is saved
during blanking periods by disabling the internal oscillator and
by switching to the lower frequency external clock source. To
achieve optimum performance of the charge pump circuitry, it
is important that the duty cycle of the external clock source is
50% and that the rise and fall times are less than 20 ns.
90%
10%
tR: RISE TIME
tF: FALL TIME
tH
tT
@ 100% = DUTY CYCLE
tR
tF
tH
tT
Figure 18. Duty Cycle of External Clock
SOLDER MASK
BOARD METALLIZATION
0.280
0.400
0.250
0.200
0.875
Figure 19. Suggested LFCSP 4 mm × 4mm 20 Lead Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com