Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB7SLB8 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB7SLB8 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP8SAB7SLB8 Datasheet HTML 1Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 2Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 3Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 4Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 5Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 6Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 7Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 8Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Ordering Information
1k EPROM
2k EPROM
4k EPROM
4k EPROM
Windowed
Device
Temperature
Order Number
Package
Order Number
Package
Order Number
Package
Order Number
Package
0˚C to +70˚C
COP8SAA716M9
16M
COP8SAA720M9
20M
COP8SAB720M9
20M
COP8SAC720M9
20M
COP8SAA728M9
28M
COP8SAB728M9
28M
COP8SAC728M9
28M
COP8SAA716N9
16N
COP8SAA720N9
20N
COP8SAB720N9
20N
COP8SAC720N9
20N
COP8SAC720Q3
20Q
COP8SAA728N9
28N
COP8SAB728N9
28N
COP8SAC728N9
28N
COP8SAC728Q3
28Q
COP8SAC740N9
40N
COP8SAC740Q3
40Q
COP8SAC744V9
44V
COP8SAC744J3
44J
−40˚C to +85˚C
COP8SAA716M8
16M
COP8SAA720M8
20M
COP8SAB720M8
20M
COP8SAC720M8
20M
COP8SAA728M8
28M
COP8SAB728M8
28M
COP8SAC728M8
28M
COP8SAA716N8
16N
COP8SAA720N8
20N
COP8SAB720N8
20N
COP8SAC720N8
20N
COP8SAA728N8
28N
COP8SAB728N8
28N
COP8SAC728N8
28N
COP8SAC740N8
40N
COP8SAC744V8
44V
COP8SAA7SLB8
SLB
COP8SAB7SLB8
SLB
COP8SAC7SLB8
SLB
−40˚C to
+125˚C
COP8SAC720M7
20M
COP8SAC728M7
28M
COP8SAC720N7
20N
COP8SAC728N7
28N
COP8SAC740N7
40N
COP8SAC744V7
44V
DS012838-8
FIGURE 3. Part Numbering Scheme
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com