Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB7SLB8 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB7SLB8 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP8SAB7SLB8 Datasheet HTML 14Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 15Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 16Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 17Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 18Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 19Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 20Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 21Page - National Semiconductor (TI) COP8SAB7SLB8 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
6.0 Functional Description (Continued)
The contents of data registers and RAM are unknown follow-
ing the on-chip reset.
6.8 OSCILLATOR CIRCUITS
There are four clock oscillator options available: Crystal Os-
cillator with or without on-chip bias resistor, R/C Oscillator
with on-chip resistor and capacitor, and External Oscillator.
The oscillator feature is selected by programming the ECON
register, which is summarized in
Table 2.
TABLE 2. Oscillator Option
ECON4
ECON3
Oscillator Option
0
0
External Oscillator
1
0
Crystal Oscillator without Bias Resistor
0
1
R/C Oscillator
1
1
Crystal Oscillator with Bias Resistor
6.8.1 Crystal Oscillator
The crystal Oscillator mode can be selected by programming
ECON Bit 4 to 1. CKI is the clock input while G7/CKO is the
clock generator output to the crystal. An on-chip bias resistor
connected between CKI and CKO can be enabled by pro-
gramming ECON Bit 3 to 1 with the crystal oscillator option
selection. The value of the resistor is in the range of 0.5M to
2M (typically 1.0M).
Table 3 shows the component values re-
quired for various standard crystal values. Resistor R2 is
only used when the on-chip bias resistor is disabled.
Figure
12 shows the crystal oscillator connection diagram.
TABLE 3. Crystal Oscillator Configuration,
T
A = 25˚C, VCC = 5V
R1 (k
Ω)R2 (MΩ) C1 (pF) C2 (pF)
CKI Freq. (MHz)
0
1
30
30
15
0
1
32
32
10
0
1
45
30–36
4
5.6
1
100
100–156
0.455
6.8.2 External Oscillator
The External Oscillator mode can be selected by program-
ming ECON Bit 3 to 0 and ECON Bit 4 to 0. CKI can be
driven by an external clock signal provided it meets the
specified duty cycle, rise and fall times, and input levels. G7/
CKO is available as a general purpose input G7 and/or Halt
control.
Figure 13 shows the external oscillator connection
diagram.
6.8.3 R/C Oscillator
The R/C Oscillator mode can be selected by programming
ECON Bit 3 to 1 and ECON Bit 4 to 0. In R/C oscillation
mode, CKI is left floating, while G7/CKO is available as a
general purpose input G7 and/or HALT control. The R/C con-
trolled oscillator has on-chip resistor and capacitor for maxi-
mum R/C oscillator frequency operation. The maximum fre-
quency is 5 MHz ± 35% for V
CC between 4.5V to 5.5V and
temperature range of −40˚C to +85˚C. For max frequency
operation, the CKI pin should be left floating. For lower fre-
quencies, an external capacitor should be connected be-
tween CKI and either V
CC or GND. Immunity of the R/C os-
cillator to external noise can be improved by connecting one
half the external capacitance to V
CC and one half to GND.
PC board trace length on the CKI pin should be kept as short
as possible.
Table 4 shows the oscillator frequency as a
function of external capacitance on the CKI pin.
Figure 14
shows the R/C oscillator configuration.
TABLE 4. R/C Oscillator Configuration,
−40˚C to +85˚C, V
CC = 4.5V to 5.5V,
OSC Freq. Variation of ± 35%
External Capacitor
R/C OSC Freq
Instr. Cycle
(pF)
(MHz)
(µs)
0
5
2.0
9
4
2.5
52
2
5.0
150
1
10
TBD
32 kHz
312.5
DS012838-15
FIGURE 10. Reset Timing (Power-On Reset Enabled)
with V
CC Tied to RESET
DS012838-16
FIGURE 11. Reset Circuit Using Power-On Reset
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com