Electronic Components Datasheet Search
  English  ▼

X  

VSP1021 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 15 Page - Texas Instruments

Back Button VSP1021 Datasheet HTML 9Page - Texas Instruments VSP1021 Datasheet HTML 10Page - Texas Instruments VSP1021 Datasheet HTML 11Page - Texas Instruments VSP1021 Datasheet HTML 12Page - Texas Instruments VSP1021 Datasheet HTML 13Page - Texas Instruments VSP1021 Datasheet HTML 14Page - Texas Instruments VSP1021 Datasheet HTML 15Page - Texas Instruments VSP1021 Datasheet HTML 16Page - Texas Instruments VSP1021 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
three-wire serial interface
A simple three-wire (SCLK, SDIN, and CS) serial interface is provided to allow writing to the internal registers
of the VSP1021 device. Serial clock SCLK can be run at a maximum speed of 40 MHz. Serial data SDIN is 16 bits
long. After 2 leading null bits, there are 4 address bits for which the internal register is to be updated; the following
10 bits are the data to be written to the register. Terminal 46 (CS) must be held low to enable the serial port. The
data transfer is initiated by the incoming SCLK after CS falls. Figure 3 shows the detailed timing for the serial
interface.
The SCLK polarity is selected by pulling terminal 45 (SCKP) either high or low.
device reset
The device is not under the default configuration after power on. The registers are set to the default value by
a reset. When terminal 43 (RESET) is pulled low, all internal registers are set to their default values. In addition,
the VSP1021 device has a software-reset function that resets the device when writing a control bit to control
register 1.
See the register definition section for the register default values.
power-down mode (standby)
The VSP1021 device implements both hardware and software power-down modes. Pulling terminal 44 (STBY)
low puts the device in the low-power standby mode. The total power drops to about 1 mW. Setting a power-down
control bit in the control register can also activate the power-down mode. Users can still program all internal
registers during the power-down mode.
power supply
The VSP1021 device has several power-supply terminals. Each major internal analog block has a dedicated
AVDD supply terminal. All internal digital circuitry is powered by DVDD. Both AVDD and DVDD are 3 V nominal.
Terminals 13 (DIVDD) and 14 (DIVSS) supply power to the output digital driver (D9−D0). DIVDD is independent
of DVDD and can be operated from 1.8 V to 3.6 V. This allows the outputs to interface with digital ASICs requiring
different supply voltages.
grounding and decoupling
General practices should apply to the printed-circuit-board (PCB) design to limit high-frequency transients and
noise that feed back into the supply and reference lines. This requires sufficient bypass of the supply and
reference terminals. In the case of power-supply decoupling, 0.1-
µF ceramic chip capacitors are adequate to
keep the impedance low over a wide frequency range. Recommended external decoupling for the three
voltage-reference terminals is shown in Figure 4. Since the effectiveness of the decoupling capacitors depends
largely on the proximity to the individual supply terminal, they must be placed as close as possible to these
terminals. An inductor is recommended for the DIVDD power supply (see Figure 4). Common ground level is
also recommended.
voltage references
An internal precision voltage reference of 1.5 V nominal is provided. This reference voltage generates the ADC
Ref− voltage of 1 V and Ref+ of 2 V. It also generates the internal clamp voltage. All internally-generated voltages
are fixed values and cannot be adjusted. Terminals 37 (RBD), 38 (RPD), and 39 (RMD) must not be used to
drive any loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com