Electronic Components Datasheet Search
  English  ▼

X  

S2MBF Datasheet(PDF) 3 Page - Leshan Radio Company

Part # S2MBF
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S2MBF Datasheet(HTML) 3 Page - Leshan Radio Company

  S2MBF Datasheet HTML 1Page - Leshan Radio Company S2MBF Datasheet HTML 2Page - Leshan Radio Company S2MBF Datasheet HTML 3Page - Leshan Radio Company S2MBF Datasheet HTML 4Page - Leshan Radio Company S2MBF Datasheet HTML 5Page - Leshan Radio Company S2MBF Datasheet HTML 6Page - Leshan Radio Company S2MBF Datasheet HTML 7Page - Leshan Radio Company S2MBF Datasheet HTML 8Page - Leshan Radio Company S2MBF Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
S2ABF thru S2MBF
SMB-FL
6.20
SMB-FL
MIN
MAX
MIN
MAX
A
5.3
5.7
0.209
0.224
B
3.4
3.8
0.134
0.150
C
4.3
4.7
0.169
0.185
D
E
1.9
2.1
0.0748
0.08268
F
1.05
1.40
0.04134 0.05512
G
0.2
0.3
0.00591 0.00984
H
0.95Typ
0.037Typ
DIM
MILLIMETERS
INCHES
0.45Typ
0.018Typ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com