Electronic Components Datasheet Search
  English  ▼

X  

S2MBF Datasheet(PDF) 4 Page - Leshan Radio Company

Part # S2MBF
Description  Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S2MBF Datasheet(HTML) 4 Page - Leshan Radio Company

  S2MBF Datasheet HTML 1Page - Leshan Radio Company S2MBF Datasheet HTML 2Page - Leshan Radio Company S2MBF Datasheet HTML 3Page - Leshan Radio Company S2MBF Datasheet HTML 4Page - Leshan Radio Company S2MBF Datasheet HTML 5Page - Leshan Radio Company S2MBF Datasheet HTML 6Page - Leshan Radio Company S2MBF Datasheet HTML 7Page - Leshan Radio Company S2MBF Datasheet HTML 8Page - Leshan Radio Company S2MBF Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Title :
5.1.1 Reel Packing
A. Reel Spec
unit:mm
AB
C
W
177.0±2.0
54.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
330.0±2.0
75.0±0.5
13.0±0.5
13.5±0.5
330.0±2.0
75.0±0.5
13.0±0.5
17.0±0.5
177.0±2.0
50.0±0.5
13.0±0.5
9.4±1.5
177.0±2.0
50.0±0.5
13.0±0.5
9.4±1.5
330.0±2.0
75.0±0.5
13.0±0.5
13.2±0.2
B. 13" reel packing box
unit:mm
ABC
size
335±5.0
335±2.0
40±1.0
as per above packing
Q'ty/Box
10K
6K
6K
10K
10K
SOD123FL 7" reel
3K
SMB13" reel
SMC13" reel
TO277 13" reel
SMB13" reel
3K
SMC13" reel
3K
SMA-FL13" reel
5K
TO277 13" reel
5K
SPEC
Quantity/Reel
SMA 7" reel
2K
DOC NO.:
WI-258
Power Diode SMD Package Pa cking Spec
Version: 5
Modification: 0
Page:
2
SMA13" reel
5K
5.1 、SMD Packing Reel Spec & Packing Quantity
SOD323HE 7" reel
3K
SMB-FL 13" reel
5K
SMB-FL 13" reel
Spec
SMA13" reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com