Electronic Components Datasheet Search
  English  ▼

X  

AD8513AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8513AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8513AR Datasheet(HTML) 4 Page - Analog Devices

  AD8513AR Datasheet HTML 1Page - Analog Devices AD8513AR Datasheet HTML 2Page - Analog Devices AD8513AR Datasheet HTML 3Page - Analog Devices AD8513AR Datasheet HTML 4Page - Analog Devices AD8513AR Datasheet HTML 5Page - Analog Devices AD8513AR Datasheet HTML 6Page - Analog Devices AD8513AR Datasheet HTML 7Page - Analog Devices AD8513AR Datasheet HTML 8Page - Analog Devices AD8513AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 4 of 20
ELECTRICAL CHARACTERISTICS
@ VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (B Grade)1
VOS
0.08
0.4
mV
−40°C < TA < +125°C
0.8
mV
Offset Voltage (A Grade)
VOS
0.1
1.0
mV
−40°C < TA < +125°C
1.8
mV
Input Bias Current
IB
25
80
pA
−40°C < TA < +85°C
0.7
nA
−40°C < TA < +125°C
10
nA
Input Offset Current
IOS
6
75
pA
−40°C < TA < +85°C
0.3
nA
−40°C < TA < +125°C
0.5
nA
Input Capacitance
Differential
12.5
pF
Common-Mode
11.5
pF
Input Voltage Range
−13.5
+13.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
86
108
dB
Large Signal Voltage Gain
AVO
VO = −13.5 V to +13.5 V
115
196
V/mV
RL = 2 kΩ, VCM = 0 V
Offset Voltage Drift (B Grade)1
∆VOS/∆T
1.0
5
µV/°C
Offset Voltage Drift (A Grade)
∆VOS/∆T
1.7
12
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ
+14.0
+14.2
V
Output Voltage Low
VOL
−40°C < TA < +125°C
−14.9
−14.6
V
Output Voltage High
VOH
RL = 2 kΩ
+13.8
+14.1
V
Output Voltage Low
VOL
−40°C < TA < +125°C
–14.8
−14.5
V
Output Voltage High
VOH
RL = 600 Ω, TA = 25°C
+13.5
+13.9
V
−40°C < TA < +125°C
11.4
V
Output Voltage Low
VOL
RL = 600 Ω, TA = 25°C
−14.3
−13.8
V
−40°C < TA < +125°C
−12.1
V
Output Current
IOUT
±70
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
86
dB
Supply Current/Amplifier
ISY
AD8510/AD8512/AD8513
VO = 0 V
2.2
2.5
mA
AD8510/AD8512
−40°C < TA < +125°C
2.6
mA
AD8513
−40°C < TA < +125°C
3.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
20
V/µs
Gain Bandwidth Product
GBP
8
MHz
Settling Time
tS
To 0.1%, 0 V to 10 V Step, G = +1
0.5
µs
To 0.01%, 0 V to 10 V Step, G = +1
0.9
µs
THD + Noise
THD + N
1 kHz, G = +1, RL = 2 kΩ
0.0005
%
Phase Margin
ΦO
52
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com