Electronic Components Datasheet Search
  English  ▼

X  

AD8513AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8513AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8513AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8513AR Datasheet HTML 7Page - Analog Devices AD8513AR Datasheet HTML 8Page - Analog Devices AD8513AR Datasheet HTML 9Page - Analog Devices AD8513AR Datasheet HTML 10Page - Analog Devices AD8513AR Datasheet HTML 11Page - Analog Devices AD8513AR Datasheet HTML 12Page - Analog Devices AD8513AR Datasheet HTML 13Page - Analog Devices AD8513AR Datasheet HTML 14Page - Analog Devices AD8513AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 11 of 20
FREQUENCY (Hz)
100
60
1k
90
10k
10M
100M
240
120
270
30
0
100k
1M
150
180
210
300
VSY =±5V
VIN = 50mV
AV = 100
AV = 10
AV = 1
Figure 31. Output Impedance vs. Frequency
TIME (1s/DIV)
VSY =±5V
Figure 32. 0.1 Hz to 10 Hz Input Voltage Noise
TIME (1
µs/DIV)
VSY = ±5V
RL = 2kΩ
CL = 100pF
AV = 1
Figure 33. Large Signal Transient Response
TIME (100ns/DIV)
VSY = ±5V
RL = 2kΩ
CL = 100pF
AV = 1
Figure 34. Small Signal Transient Response
CAPACITANCE (pF)
1
0
10
20
10
30
40
60
100
1k
10k
70
80
50
90
100
VSY =±5V
RL = 2kΩ
–OS
+OS
Figure 35. Small Signal Overshoot vs. Load Capacitance
TCVOS (µV/°C)
0
1
0
40
25
6
60
80
10
100
90
34
70
50
30
20
VS = ±15V
Figure 36. AD8513 TCVOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com