Electronic Components Datasheet Search
  English  ▼

X  

RP15-OFW Datasheet(PDF) 1 Page - Recom International Power

Part # RP15-OFW
Description  15 Watt Single Output Open Frame SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-OFW Datasheet(HTML) 1 Page - Recom International Power

  RP15-OFW Datasheet HTML 1Page - Recom International Power RP15-OFW Datasheet HTML 2Page - Recom International Power RP15-OFW Datasheet HTML 3Page - Recom International Power RP15-OFW Datasheet HTML 4Page - Recom International Power RP15-OFW Datasheet HTML 5Page - Recom International Power RP15-OFW Datasheet HTML 6Page - Recom International Power RP15-OFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Regulated
Converters
• 4:1 Input Voltage Range
• 2.25kVDC Isolation
• UL Certified
• Efficiency up to 87%
• Ultraminiature Open Frame SMD
• No Minimum Load Required
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP15-OFW series are SMD open frame ultraminiature power DC/DC converters in a case half the
size of industry standard 15W converters. The converters use solder ball pins to enable SMD
mounting and can be reflow soldered. Despite their small size, the RP15-OFW converters are fully
specified devices with output currents up to 4 Amps, no minimum load, 2250VDC isolation and low
ripple/noise figures. The outputs are also fully protected against short circuits, overcurrent and
overvoltage. The RP15-0FW series will find many uses in telecommunications and other demanding
applications where price, board space or board height is at a premium.
E196683
15 Watt
Single
Output
Open Frame
SMD
RP15-OFW
Selection Guide
Part Number
Input
Output
Output
Input (1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP15-243.3SOFW(3)
9-36
3.3
4000
647
85
12000
RP15-2405SOFW(3)
9-36
5
3000
718
87
6000
RP15-2412SOFW(3)
9-36
12
1300
756
86
1000
RP15-2415SOFW(3)
9-36
15
1000
727
86
660
RP15-483.3SOFW(3)
18-75
3.3
4000
324
85
12000
RP15-4805SOFW(3)
18-75
5
3000
359
87
6000
RP15-4812SOFW(3)
18-75
12
1300
378
86
1000
RP15-4815SOFW(3)
18-75
15
1000
363
86
660
UL60950-1 Certified
Ordering Examples
RP15-4805SOFW = 48V 4:1 Input, 5V Output, No CTRL pin, No Trim Pin
RP15-4805SOFW/P = 48V 4:1 Input, 5V Output, Positive Logic CTRL pin and Trim pin fitted.
RP15-243.3SOFW/N = 24V 4:1 Input, 3.3V Output, Negative Logic CTRL pin and Trim pin fitted
Input Voltage
Output Voltage
Single
RP15-__ __ SOFW/_
Control Logic(3)
Model Numbering
Notes:
Note3: No suffix for standard part without Trim or CTRL
add suffix “P” for CTRL function with positive logic (1=ON, 0=OFF) and trim pin
add suffix “N” for CTRL function with negative logic (0=ON, 1=OFF) and trim pin
Notes:
Note1: Values at nominal input voltage and no load/full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP15-OFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-OFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com