Electronic Components Datasheet Search
  English  ▼

X  

RP15-OFW Datasheet(PDF) 2 Page - Recom International Power

Part # RP15-OFW
Description  15 Watt Single Output Open Frame SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-OFW Datasheet(HTML) 2 Page - Recom International Power

  RP15-OFW Datasheet HTML 1Page - Recom International Power RP15-OFW Datasheet HTML 2Page - Recom International Power RP15-OFW Datasheet HTML 3Page - Recom International Power RP15-OFW Datasheet HTML 4Page - Recom International Power RP15-OFW Datasheet HTML 5Page - Recom International Power RP15-OFW Datasheet HTML 6Page - Recom International Power RP15-OFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
9DC
18VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Input Filter
Pi-Type
Input Reflected Ripple(4)
nominal Vin and full load
30mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
30ms
30ms
Operating Frequency Range
3.3Vout, 5Vout
12Vout, 15Vout
315kHz
360kHz
350kHz
400kHz
385kHz
440kHz
Minimum Load
full load
0%
Optional Output Trim(5)
±10.0%
Ripple and Noise
20MHz bandwidth, with 1μF M/C X7R and a 10μF T/C
100mVp-p
Remote ON/OFF(5)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 15V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 15V
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
+1.0mA
continued on next page
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP15-OFW
Series
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note4: Simulated source impedance of 12μH. 12μH inductor in series with +Vin.
Note5: If no suffix is specified, the control and trim pins will be omitted. If fitted, the ON/OFF control
function can be positive or negative logic. The pin voltage is referenced to -Vin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
90
95
20
40
60
80
100
30
50
70
90
85
80
Input Voltage [VDC]
9
60
65
70
75
80
90
15
18
24
30
36
12
21
27
33
85
RP15-2405SOFW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com