Electronic Components Datasheet Search
  English  ▼

X  

LT3430EFE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3430EFE
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430EFE Datasheet(HTML) 3 Page - Linear Technology

  LT3430EFE Datasheet HTML 1Page - Linear Technology LT3430EFE Datasheet HTML 2Page - Linear Technology LT3430EFE Datasheet HTML 3Page - Linear Technology LT3430EFE Datasheet HTML 4Page - Linear Technology LT3430EFE Datasheet HTML 5Page - Linear Technology LT3430EFE Datasheet HTML 6Page - Linear Technology LT3430EFE Datasheet HTML 7Page - Linear Technology LT3430EFE Datasheet HTML 8Page - Linear Technology LT3430EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT3430
sn3430 3430is
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
(Note 3)
q
4.6
5.5
V
Minimum Boost Voltage
(Note 4) ISW ≤ 3A
q
1.8
3
V
Boost Current (Note 5)
Boost = VIN + 5V, ISW = 1A
q
25
50
mA
Boost = VIN + 5V, ISW = 3A
q
75
120
mA
Input Supply Current (IVIN)
(Note 6) VBIAS = 5V
1.5
2.2
mA
Bias Supply Current (IBIAS)
(Note 6) VBIAS = 5V
3.1
4.2
mA
Shutdown Supply Current
SHDN = 0V, VIN ≤ 60V, SW = 0V, VC Open
35
100
µA
q
200
µA
Lockout Threshold
VC Open
–40
°C ≤ TJ < 25°C
2.2
2.48
V
25
°C ≤ TJ ≤ 125°C
2.3
2.38
2.48
V
Shutdown Thresholds
VC Open, Shutting Down
q
0.15
0.37
0.58
V
VC Open, Starting Up
q
0.25
0.42
0.60
V
Minimum SYNC Amplitude
1.5
V
SYNC Frequency Range
228
700
kHz
SYNC Input Resistance
20
k
Ω
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST = Open Circuit, SW = Open Circuit, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the low
clamp level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator remain constant.
Actual minimum input voltage to maintain a regulated output will depend
upon output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the BOOST pin with the
pin held 5V above input voltage. It flows only during switch on time.
Note 6: Input supply current is the quiescent current drawn by the input
pin when the BIAS pin is held at 5V with switching disabled. Bias supply
current is the current drawn by the BIAS pin when the BIAS pin is held at
5V. Total input referred supply current is calculated by summing input
supply current (IVIN) with a fraction of bias supply current (IBIAS):
ITOTAL = IVIN + (IBIAS)(VOUT/VIN)
With VIN = 15V, VOUT = 5V, IVIN = 1.4mA, IBIAS = 2.9mA, ITOTAL = 2.4mA.
Note 7: Switch on resistance is calculated by dividing VIN to SW voltage by
the forced current (3A). See Typical Performance Characteristics for the
graph of switch voltage at other currents.
Note 8: The LT3430EFE is guaranteed to meet performance specifications
from 0
°C to 125°C junction temperature. Specifications over the –40°C to
125
°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3430IFE is guaranteed over the full –40
°C to 125°C operating junction
temperature range.
Note 9: See Peak Switch Current Limit vs Junction Temperature graph in
the Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com