Electronic Components Datasheet Search
  English  ▼

X  

DMP2007UFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2007UFG
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2007UFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2007UFG Datasheet HTML 1Page - Diodes Incorporated DMP2007UFG Datasheet HTML 2Page - Diodes Incorporated DMP2007UFG Datasheet HTML 3Page - Diodes Incorporated DMP2007UFG Datasheet HTML 4Page - Diodes Incorporated DMP2007UFG Datasheet HTML 5Page - Diodes Incorporated DMP2007UFG Datasheet HTML 6Page - Diodes Incorporated DMP2007UFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP2007UFG
Document number: DS37943 Rev. 3 - 2
2 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMP2007UFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
TC = +25°C
ID
-18.0
-14.5
-40
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
-80
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-2.2
A
Avalanche Current L=0.1mH
IAS
-30
A
Avalanche Energy L=0.1mH
EAS
50
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.3
W
TC = +25°C
41
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
58
°C/W
(Note 6)
143
Thermal Resistance, Junction to Case
RθJC
3.0
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.4
—
-1.3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
4.4
5.5
m
Ω
VGS = -10V, ID = -15A
—
4.9
7.0
VGS = -4.5V, ID = -15A
—
6.5
9.0
VGS = -2.5V, ID = -10A
Diode Forward Voltage
VSD
—
-0.7
-1.2
V
VGS = 0V, IS = -10A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
4,621
—
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
652
—
Reverse Transfer Capacitance
Crss
—
403
—
Gate Resistance
RG
—
3.2
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
39
—
nC
VDD = -10V, ID = -20A
Total Gate Charge (VGS = -10V)
Qg
—
85
—
Gate-Source Charge
Qgs
—
8.3
—
Gate-Drain Charge
Qgd
—
9.6
—
Turn-On Delay Time
tD(ON)
—
10.1
—
ns
VGS = -4.5V, VDD = -10V,
RG = 1Ω, ID = -10A
Turn-On Rise Time
tR
—
9.8
—
Turn-Off Delay Time
tD(OFF)
—
61
—
Turn-Off Fall Time
tF
—
51
—
Reverse Recovery Time
tRR
—
20.1
—
ns
IF = -10A, di/dt = 100A/µs
Reverse Recovery Charge
Qrr
—
10.1
—
nC
IF = -10A, di/dt = 100A/µs
Notes:
5. RθJA is determined with the device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate. RθJC is guaranteed by design
while RθJA is determined by the user’s board design.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com