Electronic Components Datasheet Search
  English  ▼

X  

DMP2007UFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2007UFG
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2007UFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2007UFG Datasheet HTML 1Page - Diodes Incorporated DMP2007UFG Datasheet HTML 2Page - Diodes Incorporated DMP2007UFG Datasheet HTML 3Page - Diodes Incorporated DMP2007UFG Datasheet HTML 4Page - Diodes Incorporated DMP2007UFG Datasheet HTML 5Page - Diodes Incorporated DMP2007UFG Datasheet HTML 6Page - Diodes Incorporated DMP2007UFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP2007UFG
Document number: DS37943 Rev. 3 - 2
4 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMP2007UFG
0
0.003
0.006
0.009
0.012
0.015
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=-2.5V, ID=-10A
V
GS=-4.5V, ID=-15A
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs Junction
Temperature
I
D=-250µA
I
D=-1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs Current
V
GS=0V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃
10
100
1000
10000
100000
0
4
8
12
16
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
Q
g (nC)
Figure 11. Gate Charge
V
DS=-10V, ID=-20A
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max)=150℃
T
A=25℃
V
GS=-4.5V
Single Pulse
DUT on 1*MRP Board
R
DS(ON)
Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com