Electronic Components Datasheet Search
  English  ▼

X  

0722 Datasheet(PDF) 3 Page - Texas Instruments

Part # 0722
Description  DUAL ISOLATED DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

0722 Datasheet(HTML) 3 Page - Texas Instruments

  0722 Datasheet HTML 1Page - Texas Instruments 0722 Datasheet HTML 2Page - Texas Instruments 0722 Datasheet HTML 3Page - Texas Instruments 0722 Datasheet HTML 4Page - Texas Instruments 0722 Datasheet HTML 5Page - Texas Instruments 0722 Datasheet HTML 6Page - Texas Instruments 0722 Datasheet HTML 7Page - Texas Instruments 0722 Datasheet HTML 8Page - Texas Instruments 0722 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
722
3
SBVS016B
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VIN = 15VDC, C = 0.47µF, and R1 selected per typical characteristic, unless otherwise noted.
722
722BG
722MG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Rated Input Voltage
15
✽✽
VDC
Input Voltage Range(1)
516
✽✽
✽
✽
VDC
Input Current
Total Output Current = 12mA
50
✽✽
mA
Total Output Current = 64mA
105
120
✽✽
✽
✽
mA
Total Output Current = 64mA
at TA = +85°C
120
✽✽
mA
Total Output Current = 160mA
——
225
275
——
mA
Input Ripple(2)
Total Output Current = 12mA
3
✽✽
mA, pk
Total Output Current = 64mA
6
✽✽
mA, pk
Total Output Current = 160mA
—
12
—
mA, pk
ISOLATION
Test Voltages
Input-to-Output, 5 seconds, min
8000
✽✽
Vpk
Input-to-Output, 1 minute, min
——
2500
Vrms
Channel-to-Channel, 5 seconds, min
5000
✽✽
Vpk
Rated Voltages
Input-to-Output, continuous
3500
✽✽
V
Channel-to-Channel, continuous
2000
✽✽
V
Isolation Impedance
Input-to-Output
10 || 6
✽✽
G
Ω || pF
Leakage Current(3)
Input-to-Output, 240V, 60Hz
1
✽✽
µA
OUTPUT
Rated Output Voltages(4)
ILOAD = 3mA per Output
15
16.6
✽✽
✽
✽
VDC
ILOAD = 16mA per Output
14.3
16.2
✽✽
✽
✽
VDC
ILOAD = 40mA per Output
———
13.0
14.2
16.2
——
—
VDC
Output Current
Total of All Outputs
200
✽✽
mA
Any One Output(5)
3
100
✽✽
✽
✽
mA
Load Regulation
(5)
✽✽
Ripple Voltage
ILOAD = 3mA per Output
15
✽✽
mVpk
ILOAD = 16mA per Output
35
100
✽✽
✽
✽
mVpk
ILOAD = 40mA per Output
—
50
✽
mVpk
Tracking Error between
Balanced Loads
±200
✽✽
mVDC
Dual Outputs
Sensitivity to Input
Voltage Changes
1.13
✽✽
V/V
Output Voltage Temperature
TA = TSPECIFICATION RANGE
±0.02
✽✽
%/
°C
Coefficient
TEMPERATURE
Specification
ILOAD ≤ 16mA per Output
–25
+85
✽✽
✽
✽
°C
ILOAD ≤ 40mA per Output
–25
+60
✽✽
✽
✽
°C
Storage
–55
+125
✽✽
✽
✽
°C
Junction Temperature
+125
✽✽
°C
✽ Specifications same as 722.
NOTES: (1) For ambient temperature above +70
°C, the input voltage is 12.5V (max). The input voltage remains 16V (max) if case temperature is kept below +85°C.
(2) External capacitor across P+ to V– pins and 12" of #24 wire to VIN. (3) Reference UL544, paragraph 27.5, Leakage Current. (4) See Typical Characteristics.
(5) A minimum output current of 3mA at each output is recommended to maintain output voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com