Electronic Components Datasheet Search
  English  ▼

X  

0722 Datasheet(PDF) 7 Page - Texas Instruments

Part # 0722
Description  DUAL ISOLATED DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

0722 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 0722 Datasheet HTML 2Page - Texas Instruments 0722 Datasheet HTML 3Page - Texas Instruments 0722 Datasheet HTML 4Page - Texas Instruments 0722 Datasheet HTML 5Page - Texas Instruments 0722 Datasheet HTML 6Page - Texas Instruments 0722 Datasheet HTML 7Page - Texas Instruments 0722 Datasheet HTML 8Page - Texas Instruments 0722 Datasheet HTML 9Page - Texas Instruments 0722 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
722
7
SBVS016B
www.ti.com
FIGURE 3. Short-Circuit Protection.
FIGURE 2. Two-Port Isolation with Two 3650s.
+V
O1
C
1
P+
V+
E
V–
R
1
2N2219
V
IN
IN4148
100
Ω
+
3.6k
Ω
1
Ω
–V
O1
+V
O2
C
2
–V
O2
–
722
+V
O1
C
1
–V
O1
+V
O2
C
2
–V
O2
P+
V+
E
V–
C
R
1
V
IN
Com
+15V
O/P Com
O/P Com
+15V –15V
O/P Com
+15V –15V
I/P
Com #2
I/P
Com #1
722
–15V
Figure 2 illustrates how the 722 can provide isolated input
power to the input stage of two 3650s connected in the two-
port configuration. Power for the output stage is provided by
the system +15V and –15V supplies. Input stages are iso-
lated from each other and from the system supply. In this
situation, the 722 input-to-output isolation specification ap-
plies to the amplifier input-to-output voltages, whereas the
channel-to-channel 722 specification applies to the voltage
existing between I/P Com #1 and I/P Com #2.
SHORT CIRCUIT PROTECTION
The circuit in Figure 3 may be added to the input of the 722
to protect it from damage in situations where too much
current is demanded from the outputs—such as a short
circuit from an output to its common. The circuit limits input
current to approximately 150mA for an input voltage of
15VDC (for ß of 2N2219 of 50).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com